Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9924AGO-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP9924AGO-HF
Description  Low on-resistance, Capable of 2.5V gate drive
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9924AGO-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP9924AGO-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9924AGO-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9924AGO-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9924AGO-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP9924AGO-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
td(on) tr
td(off)tf
VDS
VGS
10%
90%
Q
VG
4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
02468
10
12
Q G , Total Gate Charge (nC)
V DS =16V
I D =5 A
0
100
200
300
400
500
1
5
9
1317
2125
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja=250
oC/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
Operation in this
area limited by
RDS(ON)


Similar Part No. - AP9924AGO-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9924AGO-HF A-POWER-AP9924AGO-HF_14 Datasheet
101Kb / 4P
   Low on-resistance
More results

Similar Description - AP9924AGO-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4436GM A-POWER-AP4436GM Datasheet
183Kb / 5P
   Low on-resistance, Capable of 2.5V gate drive
AP4224LGM-HF A-POWER-AP4224LGM-HF Datasheet
80Kb / 2P
   Low On-Resistance, Capable of 2.5V Gate Drive
AP4434GM A-POWER-AP4434GM Datasheet
182Kb / 5P
   Low on-resistance, Capable of 2.5V gate drive
AP9916GH A-POWER-AP9916GH Datasheet
85Kb / 6P
   Low on-resistance, Capable of 2.5V gate drive
AP9918GH A-POWER-AP9918GH Datasheet
222Kb / 6P
   Low on-resistance, Capable of 2.5V gate drive
AP9924GO A-POWER-AP9924GO Datasheet
98Kb / 4P
   Low on-resistance, Capable of 2.5V gate drive
AP9916GJ A-POWER-AP9916GJ Datasheet
85Kb / 6P
   Low on-resistance, Capable of 2.5V gate drive
AP9918GJ A-POWER-AP9918GJ Datasheet
84Kb / 6P
   Low on-resistance, Capable of 2.5V gate drive
AP2306CGN-HF A-POWER-AP2306CGN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower on-resistance
AP2306CGTN-HF A-POWER-AP2306CGTN-HF Datasheet
102Kb / 4P
   Capable of 2.5V Gate Drive, Lower On-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com