Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9930AGM Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP9930AGM
Description  Low On-resistance, Full Bridge Application on LCD Monitor Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9930AGM Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP9930AGM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9930AGM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9930AGM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9930AGM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9930AGM Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9930AGM Datasheet HTML 6Page - Advanced Power Electronics Corp. AP9930AGM Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP9930AGM
N-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
5
0
2
4
6
8
10
02468
10
12
Q G , Total Gate Charge (nC)
I D =5A
V DS =15V
0
200
400
600
800
1
5
9
13
17
21
25
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
td(on) tr
td(off) t
f
VDS
VGS
10%
90%
Q
VG
4.5V
QGS
QGD
QG
Charge
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 186℃/W
t
T
0.02
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
Operation in this
area limited by
RDS(ON)


Similar Part No. - AP9930AGM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9930AGM A-POWER-AP9930AGM_14 Datasheet
126Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP9930AGM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9930GM-HF A-POWER-AP9930GM-HF Datasheet
91Kb / 7P
   Low On-resistance, Full Bridge Application on LCD Monitor Inverter
AP9932GM A-POWER-AP9932GM Datasheet
99Kb / 7P
   Simple Drive Requirement, Full Bridge Application on LCD Monitor Inverter
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com