Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9932GM Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP9932GM
Description  Simple Drive Requirement, Full Bridge Application on LCD Monitor Inverter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9932GM Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP9932GM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9932GM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9932GM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9932GM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9932GM Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9932GM Datasheet HTML 6Page - Advanced Power Electronics Corp. AP9932GM Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP9932GM
N-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
td(on) tr
td(off) t
f
VDS
VGS
10%
90%
0
2
4
6
8
10
12
0
4
8
12
16
20
Q G , Total Gate Charge (nC)
I D =4 A
V DS =24 V
10
100
1000
1
5
9
1317
2125
29
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja = 186℃
℃/W
t
T
0.02
0.01
0.1
1
10
100
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
100ms
1s
DC
T A =25
o C
Single Pulse
Q
VG
4.5V
QGS
QGD
QG
Charge


Similar Part No. - AP9932GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9932GM A-POWER-AP9932GM_14 Datasheet
99Kb / 7P
   Simple Drive Requirement
More results

Similar Description - AP9932GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9930GM-HF A-POWER-AP9930GM-HF Datasheet
91Kb / 7P
   Low On-resistance, Full Bridge Application on LCD Monitor Inverter
AP9930AGM A-POWER-AP9930AGM Datasheet
126Kb / 7P
   Low On-resistance, Full Bridge Application on LCD Monitor Inverter
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
   Simple Drive Requirement, Simple Drive Requirement
AP4924GM A-POWER-AP4924GM Datasheet
108Kb / 6P
   Simple Drive Requirement, Low On-resistance
AP4232AGM A-POWER-AP4232AGM Datasheet
184Kb / 5P
   Low On-Resistance, Simple Drive Requirement
AP62T02GJ A-POWER-AP62T02GJ Datasheet
75Kb / 4P
   Simple Drive Requirement, Low On-resistance
AP4407GS A-POWER-AP4407GS Datasheet
223Kb / 6P
   Lower On-resistance, Simple Drive Requirement
AP4424AGM A-POWER-AP4424AGM Datasheet
99Kb / 4P
   Low On-resistance, Simple Drive Requirement
AP9416GM A-POWER-AP9416GM Datasheet
230Kb / 5P
   Simple Drive Requirement, Ultra_Low On-resistance
AP55T06GS-HF A-POWER-AP55T06GS-HF Datasheet
118Kb / 4P
   Simple Drive Requirement, Lower On-resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com