Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9936GM Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP9936GM
Description  DC-DC Application, Dual N-channel Device, Surface Mount Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9936GM Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP9936GM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9936GM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9936GM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9936GM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9936GM Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP9936GM
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
10
20
30
40
02
46
V DS , Drain-to-Source Voltage (V)
T A =150
o C
10V
8.0V
6.0V
4.0V
V GS =3.0V
0
10
20
30
40
50
0246
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
8.0V
5.0V
4.0V
V GS =3.0V
0.6
0.8
1
1.2
1.4
1.6
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =5A
V GS =10V
20
40
60
80
100
120
2468
10
12
V GS , Gate-to-Source Voltage (V)
I D =5A
T A =25 ℃
0.1
1
10
0
0.4
0.8
1.2
1.6
V SD , Source-to-Drain Voltage (V)
Tj=25
o C
Tj=150
o C
0.5
1
1.5
2
2.5
-50
0
50
100
150
T j , Junction Temperature (
o C )


Similar Part No. - AP9936GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9936GM-HF A-POWER-AP9936GM-HF Datasheet
209Kb / 5P
   DC-DC Application, Dual N-channel Device, Surface Mount Package
AP9936GM-HF A-POWER-AP9936GM-HF_14 Datasheet
92Kb / 4P
   Dual N-channel Device
AP9936GM-HF A-POWER-AP9936GM-HF_16 Datasheet
55Kb / 5P
   Surface Mount Package
More results

Similar Description - AP9936GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9936GM-HF A-POWER-AP9936GM-HF Datasheet
209Kb / 5P
   DC-DC Application, Dual N-channel Device, Surface Mount Package
logo
Superworld Electronics
SW105S05SMF SUPERWORLD-SW105S05SMF Datasheet
159Kb / 2P
   0.75W Single & Dual Surface Mount DC-DC Converter
SW105S05ESMF SUPERWORLD-SW105S05ESMF Datasheet
152Kb / 2P
   1W Single & Dual Surface Mount DC-DC Converter
STA03D03F SUPERWORLD-STA03D03F Datasheet
149Kb / 2P
   1W Dual Output Surface Mount DC-DC Converter
logo
Wall Industries,Inc.
AMI WALL-AMI Datasheet
142Kb / 3P
   Single Output Surface Mount Package 1 Watt DC/DC Converter
logo
Panasonic Semiconductor
FC8V33030L PANASONIC-FC8V33030L Datasheet
331Kb / 7P
   Dual N-channel MOSFET For DC-DC Converter
logo
MORNSUN Science& Techno...
PWE4812D-3W MORNSUN-PWE4812D-3W Datasheet
122Kb / 2P
   DUAL OUTPU DIP PACKAGE DC-DC CONVERTER
logo
Superworld Electronics
STV03D03F SUPERWORLD-STV03D03F Datasheet
149Kb / 2P
   1W 3kVdc Isolated Dual Output Surface Mount DC-DC Converter
logo
shenzhen wanhexing Elec...
AO4496 WHXPCB-AO4496 Datasheet
2Mb / 5P
   DC-DC converter application
logo
KODENSHI_AUK CORP.
SMK730F KODENSHI-SMK730F Datasheet
546Kb / 8P
   DC-DC CONVERTER APPLICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com