Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB3540 Datasheet(PDF) 2 Page - 3M Electronics

Part # TB3540
Description  Dual Lock??Reclosable Fasteners Trial Bags
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TB3540 Datasheet(HTML) 2 Page - 3M Electronics

  TB3540 Datasheet HTML 1Page - 3M Electronics TB3540 Datasheet HTML 2Page - 3M Electronics TB3540 Datasheet HTML 3Page - 3M Electronics TB3540 Datasheet HTML 4Page - 3M Electronics TB3540 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M
Dual LockReclosable Fasteners Trial Bags
Product
Construction
NOTE: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
Product
Number
3M™ Dual Lock™
Reclosable Fastener
Trial Bag
Description
Dual Lock
Color
Adhesive
Color
Engaged
Thickness
inches
Thickness
Unmated
Inches
± 15%
Liner Type
Thickness
Full Roll
Product
Number
TB3540
250/250, 1 in.
(25.4mm) x 10 ft.
(3.05m), 1 mated
strip per bag
SJ3540
TB3541/TB3542
400/170, 1 in.
(25.4mm) x 10 ft.
(3.05m), 1 strip of
each, pre-mated
per bag
Black/Black
0.23
0.14
5 mil White
silicone
treated
Polyolefin
SJ3541 (400)
SJ3442 (170)
TB3550
250/250, 1 in.
(25.4mm) x 10 ft.
(3.05m), 1 mated
strip per bag
SJ3550
TB3551/TB3552
400/170, 1 in.
(25.4mm) x 10 ft.
(3.05m), 1 strip of
each, pre-mated
per bag
Black/White
0.23
0.14
4 mil Clear
silicone
treated
Polyolefin
with Red
Printing
SJ3551 (400)
SJ3552 (170)
TB3560
250/250, 1 in.
(25.4mm) x 10 ft.
(3.05m), 1 mated
strip per bag
SJ3560
TB3561/TB3562
400/170, 1 in.
(25.4mm) x 10 ft.
(3.05m), 1 strip of
each, pre-mated
per bag
Clear/Clear
0.23
0.14
4 mil Clear
silicone
treated
Polyolefin
with Red
Printing
SJ3561 (400)
SJ3562 (170)
TB3870
250/250, 1 in.
(25.4mm) x 10 ft.
(3.05m), 1 mated
strip per bag
TB3871/TB3872
400/170, 1 in.
(25.4mm) x 10 ft.
(3.05m), 1 strip of
each, pre-mated
per bag
Black/Grey
0.24
0.14
5 mil Red
silicone
treated
Polyolefin
SJ3870
SJ3871 (400)
SJ3872 (170)
TB4570 Clear
1 in. (25.4mm) x
10 ft. (3.05m),
1 mated strip
per bag
Clear/Clear
SJ4570
TB4575 Black
1 in. (25.4mm) x
10 ft. (3.05m),
1 mated strip
per bag
Black/Clear
0.098
0.065
6.5 mil
86# silicone
treated
Polycoated
Kraft
SJ4575
*All thickness values are with the liner removed.
- 2 -


Similar Part No. - TB3540

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TB354 TAITRON-TB354 Datasheet
235Kb / 5P
   35.0A Single-Phase Bridge Rectifier
logo
3M Electronics
TB3546/TB3547 3M-TB3546/TB3547 Datasheet
45Kb / 8P
   Hook and Loop Fasteners Trial Bags
logo
TAITRON Components Inco...
TB354G TAITRON-TB354G Datasheet
235Kb / 5P
   35.0A Glass Passivated Bridge Rectifier
TB354GW TAITRON-TB354GW Datasheet
243Kb / 5P
   35.0A Glass Passivated Bridge Rectifier
TB354W TAITRON-TB354W Datasheet
242Kb / 5P
   35.0A Single-Phase Bridge Rectifier
More results

Similar Description - TB3540

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TB3000 3M-TB3000 Datasheet
45Kb / 8P
   Hook and Loop Fasteners Trial Bags
MP4570 3M-MP4570 Datasheet
14Kb / 2P
   Scotchmate and Dual Lock Reclosable Fasteners Mini-Packs
SJ3522 3M-SJ3522 Datasheet
33Kb / 8P
   Scotchmate??Reclosable Fasteners
SJ3460 3M-SJ3460 Datasheet
138Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3460
SJ3560 3M-SJ3560 Datasheet
219Kb / 7P
   3M??Dual Lock??Reclosable Fastener SJ3560
SJ3445 3M-SJ3445 Datasheet
143Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3445
SJ3461 3M-SJ3461 Datasheet
138Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3461
SJ3463 3M-SJ3463 Datasheet
166Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3463
SJ3441 3M-SJ3441 Datasheet
143Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3441
SJ3481 3M-SJ3481 Datasheet
135Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3481
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com