Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB3871 Datasheet(PDF) 4 Page - 3M Electronics

Part # TB3871
Description  Dual Lock??Reclosable Fasteners Trial Bags
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

TB3871 Datasheet(HTML) 4 Page - 3M Electronics

  TB3871 Datasheet HTML 1Page - 3M Electronics TB3871 Datasheet HTML 2Page - 3M Electronics TB3871 Datasheet HTML 3Page - 3M Electronics TB3871 Datasheet HTML 4Page - 3M Electronics TB3871 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3M
Dual LockReclosable Fasteners Trial Bags
Product Performance
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
This guide should assist you in determining which product will adhere best to your
substrate for your application.
3M™ Dual Lock™
Reclosable
Fasteners Trial
Bags
Poly-
Poly-
propylene
ethylene
(29)
(31)
Low Surface Energy
Acrylic
PC
ABS
(38)
(42)
(42)
Medium Surface Energy
Aluminum
Stainless
Steel
(840)
(700-1100)
High Surface Energy
Temperature
Resistance °F
TB3560
TB3561/TB3562
Clear Acrylic
Adhesive
X
X
X
X
X
220
TB3550
TB3551/TB3552
General Purpose
Acrylic Adhesive
X
X
X
X
X
200
TB3870
TB3871/TB3872
Modified Acrylic
Adhesive
X
X
X
X
X
180
TB4570 Clear
TB4575 Black
LSE Acrylic #1
X
X
X
X
X
X
X
158
TB3540
TB3541/TB3542
Rubber Based
Adhesive
X
X
X
X
X
X
X
120
X-substrates that will typically adhere to without the use of primer
Design Considerations
As a general rule, four square inches of fastener area per pound of static tensile or
shear load to be supported is suggested as a starting point for evaluation. More or
less area may be needed depending on specific conditions or end use applications.
3M™ Dual Lock™ Reclosable Fasteners Type 250 less than 0.75" (19 mm) width
should not be engaged to other Dual Lock reclosable fastener type 250 because
low disengagement values may occur.
Note
Final product performance depends upon a combination of factors: the substrate
and its surface characteristics, the fastener selected, the application method and
conditions, the time and environmental conditions required for the application.
Because these factors are unique to each application, the user must evaluate the
Dual Lock reclosable fastener and do any testing required to determine Dual
Lock reclosable fasteners suitability for the end-user’s application.
- 4 -


Similar Part No. - TB3871

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB38 ETC2-TB38 Datasheet
174Kb / 4P
   3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB38 TAITRON-TB38 Datasheet
174Kb / 4P
   3.0A Single-Phase Silicon Bridge Rectifier
logo
PETERMANN-TECHNIK
TB38 PETERMANN-TB38 Datasheet
65Kb / 1P
   HIGH RELIABILITY FOR LOW COST
TB38 PETERMANN-TB38 Datasheet
66Kb / 1P
   HIGH RELIABILITY FOR LOW COST
logo
Intersil Corporation
TB386 INTERSIL-TB386 Datasheet
40Kb / 3P
   Implementing the HIP1011 on Hot Swap CPCI Boards for High Availability (HA) Platforms
More results

Similar Description - TB3871

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TB3000 3M-TB3000 Datasheet
45Kb / 8P
   Hook and Loop Fasteners Trial Bags
MP4570 3M-MP4570 Datasheet
14Kb / 2P
   Scotchmate and Dual Lock Reclosable Fasteners Mini-Packs
SJ3522 3M-SJ3522 Datasheet
33Kb / 8P
   Scotchmate??Reclosable Fasteners
SJ3460 3M-SJ3460 Datasheet
138Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3460
SJ3560 3M-SJ3560 Datasheet
219Kb / 7P
   3M??Dual Lock??Reclosable Fastener SJ3560
SJ3445 3M-SJ3445 Datasheet
143Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3445
SJ3461 3M-SJ3461 Datasheet
138Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3461
SJ3463 3M-SJ3463 Datasheet
166Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3463
SJ3441 3M-SJ3441 Datasheet
143Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3441
SJ3481 3M-SJ3481 Datasheet
135Kb / 5P
   3M??Dual Lock??Reclosable Fastener SJ3481
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com