Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC(T)14-Q100 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AHC(T)14-Q100
Description  NXP Logic ??Q100 logic portfolio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC(T)14-Q100 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AHC(T)14-Q100 Datasheet HTML 1Page - NXP Semiconductors 74AHC(T)14-Q100 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2012 NXP Semiconductors N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the
copyright owner. The information presented in this document does not form part of any quotation or contract,
is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by
the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
www.nxp.com
Date of release: November 2012
Document order number: 9397 750 17356
Printed in the Netherlands
Continuing to lead the way in automotive logic
NXP Logic – Q100 logic portfolio
Suffix
BQ
PW
D
PW
BQ
PW
GW
GM
SOT763-1
SOT403-1
SOT108-1
SOT402-1
SOT764-1
SOT360-1
SOT363
SOT886
16-pin
16-pin
14-pin
14-pin
20-pin
20-pin
6-pin
6-pin
Width (mm)
2.50
6.40
6.00
6.40
2.50
6.40
2.10
1.00
Length (mm)
3.50
5.00
8.65
5.00
4.50
6.50
2.00
1.45
Pitch (mm)
0.50
0.65
1.27
0.65
0.50
0.65
0.65
0.50
Innovative package options
Automotive
Q100 Logic samples available in e-sample store. Order them today!
Haven’t found your function? Please contact your local NXP representative.


Similar Part No. - 74AHC(T)14-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74AHC00 NXP-74AHC00 Datasheet
84Kb / 13P
   Quad 2-input NAND gate
Rev. 03-8 January 2008
logo
Diodes Incorporated
74AHC00 DIODES-74AHC00 Datasheet
294Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Nexperia B.V. All right...
74AHC00 NEXPERIA-74AHC00 Datasheet
227Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 26 May 2020
74AHC00-Q100 NEXPERIA-74AHC00-Q100 Datasheet
704Kb / 15P
   Quad 2-input NAND gate
More results

Similar Description - 74AHC(T)14-Q100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR-09-B042 STMICROELECTRONICS-SPEAR-09-B042 Datasheet
921Kb / 66P
   SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
logo
Microchip Technology
TSAL0001 MICROCHIP-TSAL0001 Datasheet
85Kb / 1P
   Saleae Logic USB Logic Analyzer
4/19/2012
logo
Fairchild Semiconductor
74OL6000 FAIRCHILD-74OL6000 Datasheet
617Kb / 15P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Torex Semiconductor
XC74UL08AA TOREX-XC74UL08AA_12 Datasheet
160Kb / 4P
   CMOS Logic
logo
International Rectifier
IRLR2905ZTRPBF IRF-IRLR2905ZTRPBF Datasheet
333Kb / 11P
   Logic Level
logo
Torex Semiconductor
XC74WL08AASR-12 TOREX-XC74WL08AASR-12 Datasheet
149Kb / 4P
   CMOS Logic
XC74WL157ASR-12 TOREX-XC74WL157ASR-12 Datasheet
176Kb / 5P
   CMOS Logic
XC74WL34AASR-12 TOREX-XC74WL34AASR-12 Datasheet
153Kb / 4P
   CMOS Logic
XC74WL34AASR TOREX-XC74WL34AASR_15 Datasheet
153Kb / 4P
   CMOS Logic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com