Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6070BAUT30 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6070BAUT30
Description  Low-Noise, High-Precision Series Voltage References
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6070BAUT30 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6070BAUT30 Datasheet HTML 6Page - Maxim Integrated Products MAX6070BAUT30 Datasheet HTML 7Page - Maxim Integrated Products MAX6070BAUT30 Datasheet HTML 8Page - Maxim Integrated Products MAX6070BAUT30 Datasheet HTML 9Page - Maxim Integrated Products MAX6070BAUT30 Datasheet HTML 10Page - Maxim Integrated Products MAX6070BAUT30 Datasheet HTML 11Page - Maxim Integrated Products MAX6070BAUT30 Datasheet HTML 12Page - Maxim Integrated Products MAX6070BAUT30 Datasheet HTML 13Page - Maxim Integrated Products MAX6070BAUT30 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MAX6070/MAX6071
Low-Noise, High-Precision Series
Voltage References
10
Maxim Integrated
ELECTRICAL CHARACTERISTICS—MAX607__AUT41 (VOUT = 4.096V) (continued)
(VIN = +5.0V, IOUT = 0mA, COUT = 0.1FF, TA = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation
0mA < IOUT < 10mA, sink
125
225
F
V/mA
0mA < IOUT < 10mA, source
135
225
Dropout Voltage
IOUT
= 10mA, TA = TMIN to TMAX (Note 4)
75
150
mV
Output Current
IOUT
-10
+10
mA
Short-Circuit Current
ISC
Sourcing to ground
25
mA
Sinking from VIN
25
Long-Term Stability
1000 hours at TA = +25NC
35
ppm
Thermal Hysteresis
(Note 5)
85
ppm
DYNAMIC CHARACTERISTICS
Noise Voltage
eOUT
1/f noise, 0.1Hz to 10Hz, COUT = 0.1FF
9.6
F
VP-P
MAX6071 thermal noise, 10Hz to 10kHz,
COUT = 0.1FF
12
F
VRMS
MAX6070 thermal noise, 10Hz to 10kHz,
COUT = 0.1FF, CFILTER = 0.1FF
9
Ripple Rejection
Frequency = 60Hz
80
dB
Turn-On Settling Time
tR
Settling to 0.01%,
COUT = 0.1FF
MAX6070,
CFILTER = 0.1FF
10
ms
MAX6071
40
F
s
Enable Settling Time
tEN
Settling to 0.01%,
COUT = 0.1FF
MAX6070,
CFILTER = 0.1FF
10
ms
MAX6071
85
F
s
Capacitive-Load Stability Range
IOUT P 10mA
0.1
10
F
F
INPUT
Supply Voltage
VIN
Guaranteed by line regulation
4.3
5.5
V
Quiescent Supply Current
IIN
TA = +25NC
150
235
F
A
TA = TMIN to TMAX
350
Shutdown Supply Current
ISD
6
F
A
ENABLE
Enable Input Current
IEN
-1
+1
F
A
Enable Logic-High
VIH
0.7 x VIN
V
Enable Logic-Low
VIL
0.3 x VIN


Similar Part No. - MAX6070BAUT30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6070BAUT30+T MAXIM-MAX6070BAUT30+T Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Noise, High-Precision Series
19-6355; Rev 18; 12/20
MAX6070BAUT30+T MAXIM-MAX6070BAUT30+T Datasheet
5Mb / 26P
   Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
More results

Similar Description - MAX6070BAUT30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_19 Datasheet
5Mb / 26P
   Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
MAX6070 MAXIM-MAX6070_V01 Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Voltage References
2020
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com