Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4425GM Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP4425GM
Description  Simple Drive Requirement, Fast Switching Characteristic
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4425GM Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4425GM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4425GM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4425GM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4425GM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4425GM Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AP4425GM
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
6
8
10
12
14
16
24
68
10
V GS , Gate-to-Source Voltage (V)
I D =6 A
T A =25 ℃
0
10
20
30
40
50
01234
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
0
10
20
30
40
50
02
46
8
V DS , Drain-to-Source Voltage (V)
T A = 150
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
0.4
0.9
1.4
1.9
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =10 A
V G =10V
0.4
0.8
1.2
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
2
4
6
8
10
12
14
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C


Similar Part No. - AP4425GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4425GM A-POWER-AP4425GM_14 Datasheet
203Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP4425GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4430GEM A-POWER-AP4430GEM Datasheet
255Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
AP9469GM A-POWER-AP9469GM Datasheet
100Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP9561GP-HF A-POWER-AP9561GP-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP6930GMT-HF A-POWER-AP6930GMT-HF Datasheet
108Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP9565GEM A-POWER-AP9565GEM Datasheet
95Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4432GM A-POWER-AP4432GM Datasheet
100Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4880GEM A-POWER-AP4880GEM Datasheet
131Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4428GM A-POWER-AP4428GM Datasheet
258Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
AP9561GH-HF A-POWER-AP9561GH-HF Datasheet
102Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP9569GM A-POWER-AP9569GM Datasheet
64Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com