Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9561GH-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP9561GH-HF
Description  Simple Drive Requirement, Fast Switching Characteristic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9561GH-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP9561GH-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9561GH-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9561GH-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9561GH-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP9561GH/J-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
td(on) tr
td(off)tf
VDS
VGS
10%
90%
Q
VG
-4.5V
QGS
QGD
QG
Charge
0
2
4
6
8
10
12
14
0
10
203040
5060
Q G , Total Gate Charge (nC)
V DS =-32V
I D =-20A
0
400
800
1200
1600
2000
2400
1
5
9
131721
2529
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
1
10
100
1000
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse


Similar Part No. - AP9561GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9561GH-HF A-POWER-AP9561GH-HF Datasheet
105Kb / 5P
   Fast Switching Characteristic
AP9561GH-HF A-POWER-AP9561GH-HF_14 Datasheet
102Kb / 4P
   Simple Drive Requirement
AP9561GH-HF A-POWER-AP9561GH-HF_16 Datasheet
105Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP9561GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4430GEM A-POWER-AP4430GEM Datasheet
255Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
AP9469GM A-POWER-AP9469GM Datasheet
100Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP9561GP-HF A-POWER-AP9561GP-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4425GM A-POWER-AP4425GM Datasheet
203Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
AP6930GMT-HF A-POWER-AP6930GMT-HF Datasheet
108Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP9565GEM A-POWER-AP9565GEM Datasheet
95Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4432GM A-POWER-AP4432GM Datasheet
100Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4880GEM A-POWER-AP4880GEM Datasheet
131Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4428GM A-POWER-AP4428GM Datasheet
258Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
AP9569GM A-POWER-AP9569GM Datasheet
64Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com