Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9561GP-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP9561GP-HF
Description  Simple Drive Requirement, Fast Switching Characteristic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9561GP-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP9561GP-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9561GP-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9561GP-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9561GP-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AP9561GP-HF
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-40
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-30A
-
-
16
mΩ
VGS=-4.5V, ID=-20A
-
-
28
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-20A
-
33
-
S
IDSS
Drain-Source Leakage Current
VDS=-32V, VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS= +20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=-20A
-
25
40
nC
Qgs
Gate-Source Charge
VDS=-32V
-
4.4
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
18
-
nC
td(on)
Turn-on Delay Time
2
VDS=-20V
-
9
-
ns
tr
Rise Time
ID=-20A
-
46
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=-10V
-
46
-
ns
tf
Fall Time
RD=1Ω
-95
-
ns
Ciss
Input Capacitance
VGS=0V
-
1700 2720
pF
Coss
Output Capacitance
VDS=-25V
-
360
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
290
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=-20A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
2
IS=-20A, VGS=0V,
-
31
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
26
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2


Similar Part No. - AP9561GP-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9561GP-HF A-POWER-AP9561GP-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
AP9561GP-HF A-POWER-AP9561GP-HF_16 Datasheet
103Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP9561GP-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4430GEM A-POWER-AP4430GEM Datasheet
255Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
AP9469GM A-POWER-AP9469GM Datasheet
100Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4425GM A-POWER-AP4425GM Datasheet
203Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
AP6930GMT-HF A-POWER-AP6930GMT-HF Datasheet
108Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP9565GEM A-POWER-AP9565GEM Datasheet
95Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4432GM A-POWER-AP4432GM Datasheet
100Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4880GEM A-POWER-AP4880GEM Datasheet
131Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4428GM A-POWER-AP4428GM Datasheet
258Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
AP9561GH-HF A-POWER-AP9561GH-HF Datasheet
102Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP9569GM A-POWER-AP9569GM Datasheet
64Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com