Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3485EAR Datasheet(PDF) 10 Page - Analog Devices

Part # ADM3485EAR
Description  짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3485EAR Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM3485EAR Datasheet HTML 6Page - Analog Devices ADM3485EAR Datasheet HTML 7Page - Analog Devices ADM3485EAR Datasheet HTML 8Page - Analog Devices ADM3485EAR Datasheet HTML 9Page - Analog Devices ADM3485EAR Datasheet HTML 10Page - Analog Devices ADM3485EAR Datasheet HTML 11Page - Analog Devices ADM3485EAR Datasheet HTML 12Page - Analog Devices ADM3485EAR Datasheet HTML 13Page - Analog Devices ADM3485EAR Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM3485E
Rev. D | Page 10 of 16
OUTPUT LOW VOLTAGE (V)
0
20
40
60
80
100
120
0
2
4
6
8
10
12
Figure 18. Output Current vs. Driver Output Low Voltage
OUTPUT HIGH VOLTAGE (V)
0
20
40
60
80
100
120
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
Figure 19. Output Current vs. Driver Output High Voltage
1.2
0.5
–40
TEMPERATURE (°C)
–10
20
50
80
1.1
1.0
0.9
0.8
0.7
0.6
Figure 20. Supply Current vs. Temperature
0.9
0
–50
TEMPERATURE (°C)
–25
0
25
50
75
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
Figure 21. Shutdown Current vs. Temperature
CH1 1.0V
Ω CH2 1.0V Ω
IT 400ps/pt
CH3 2.0V
M20ns 1.25GS/s
A CH3
1.44V
3
CH1
CH2
A
B
DI
Figure 22. Driver Propagation Delay
CH3 2.0V
4ns/pt
MATH1 2.01V
200ns
M200ns 250MS/s
A CH2
1.24V
3
M1
VA – VB
RO
Figure 23. Receiver Propagation Delay,
Driven by External RS-485 Device


Similar Part No. - ADM3485EAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485EAR AD-ADM3485EAR Datasheet
119Kb / 11P
   ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV. A
ADM3485EAR AD-ADM3485EAR Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM3485EAR-REEL AD-ADM3485EAR-REEL Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM3485EAR-REEL7 AD-ADM3485EAR-REEL7 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM3485EARZ AD-ADM3485EARZ Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
More results

Similar Description - ADM3485EAR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
Rev 1 - April 2021
logo
Analog Devices
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
   ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV. A
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com