Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3485EARZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADM3485EARZ
Description  짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3485EARZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM3485EARZ Datasheet HTML 7Page - Analog Devices ADM3485EARZ Datasheet HTML 8Page - Analog Devices ADM3485EARZ Datasheet HTML 9Page - Analog Devices ADM3485EARZ Datasheet HTML 10Page - Analog Devices ADM3485EARZ Datasheet HTML 11Page - Analog Devices ADM3485EARZ Datasheet HTML 12Page - Analog Devices ADM3485EARZ Datasheet HTML 13Page - Analog Devices ADM3485EARZ Datasheet HTML 14Page - Analog Devices ADM3485EARZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM3485E
Rev. D | Page 11 of 16
STANDARDS AND TESTING
Table 6 compares RS-422 and RS-485 interface standards, and
Table 7 and Table 8 show transmitting and receiving truth tables.
Table 6.
Specification
RS-422
RS-485
Transmission Type
Differential
Differential
Maximum Data Rate
10 Mbps
10 Mbps
Maximum Cable Length
4000 ft
4000 ft
Minimum Driver Output Voltage
±2 V
±1.5 V
Driver Load Impedance
100 Ω
54 Ω
Receiver Input Resistance
4 kΩ min
12 kΩ min
Receiver Input Sensitivity
±200 mV
±200 mV
Receiver Input Voltage Range
−7 V to +7 V
−7 V to +12 V
Number of Drivers/Receivers per Line
1/10
32/32
Table 7. Transmitting Truth Table
Transmitting Inputs
Transmitting Outputs
RE
DE
DI
B
A
X1
1
1
0
1
X1
1
0
1
0
0
0
X1
High-Z2
High-Z2
1
0
X1
High-Z2
High-Z2
1
X = don't care.
2
High-Z = high impedance.
Table 8. Receiving Truth Table
Receiving Inputs
Receiving Outputs
RE
DE
A – B
RO
0
X1
> +0.2 V
1
0
X1
< –0.2 V
0
0
X1
Inputs open
1
1
X1
X1
High-Z2
1
X = don't care.
2
High-Z = high impedance.
ESD TESTING
Two coupling methods are used for ESD testing, contact
discharge and air-gap discharge. Contact discharge calls for a
direct connection to the unit being tested. Air-gap discharge
uses a higher test voltage but does not make direct contact with
the unit under test. With air-gap discharge, the discharge gun is
moved toward the unit under test, developing an arc across the
air gap, hence the term air-gap discharge. This method is
influenced by humidity, temperature, barometric pressure,
distance, and rate of closure of the discharge gun. The contact
discharge method, while less realistic, is more repeatable and is
gaining acceptance and preference over the air-gap method.
Although very little energy is contained within an ESD pulse,
the extremely fast rise time, coupled with high voltages, can
cause failures in unprotected semiconductors. Catastrophic
destruction can occur immediately as a result of arcing or
heating. Even if catastrophic failure does not occur immediately,
the device can suffer from parametric degradation, which can
result in degraded performance. The cumulative effects of
continuous exposure can eventually lead to complete failure.
I/O lines are particularly vulnerable to ESD damage. Simply
touching or plugging in an I/O cable can result in a static
discharge that can damage or completely destroy the interface
product connected to the I/O port. It is extremely important,
therefore, to have high levels of ESD protection on the I/O lines.
The ESD discharge could induce latch-up in the device under
test, so it is important that ESD testing on the I/O pins be
carried out while device power is applied. This type of testing is
more representative of a real-world I/O discharge, where the
equipment is operating normally when the discharge occurs.
Table 9. ESD Test Results
ESD Test Method
I/O Pins
Human Body Model
±15 kV
100%
90%
36.8%
10%
tRL
tDL
TIME
t
Figure 24. Human Body Model Current Waveform


Similar Part No. - ADM3485EARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485EARZ AD-ADM3485EARZ Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
TECH PUBLIC Electronics...
ADM3485EARZ TECHPUBLIC-ADM3485EARZ Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
ADM3485EARZ UMW-ADM3485EARZ Datasheet
1Mb / 13P
   3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
logo
Analog Devices
ADM3485EARZ-REEL AD-ADM3485EARZ-REEL Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM3485EARZ-REEL7 AD-ADM3485EARZ-REEL7 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
More results

Similar Description - ADM3485EARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST3485EB STMICROELECTRONICS-ST3485EB_V01 Datasheet
441Kb / 24P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
ST3485EB STMICROELECTRONICS-ST3485EB Datasheet
823Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
   3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
Rev 1 - April 2021
logo
Analog Devices
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
   ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV. A
logo
STMicroelectronics
ST485EB STMICROELECTRONICS-ST485EB Datasheet
709Kb / 18P
   /-15 kV ESD protected, low power RS-485/RS-422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com