Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9565GEM Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9565GEM
Description  Simple Drive Requirement, Fast Switching Characteristic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9565GEM Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9565GEM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9565GEM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9565GEM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9565GEM Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
-40V
▼ Fast Switching Characteristic
RDS(ON)
38mΩ
▼ RoHS Compliant
ID
-6.5A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
W/℃
TSTG
TJ
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
50
℃/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Total Power Dissipation
2.5
-55 to 150
Operating Junction Temperature Range
-55 to 150
Linear Derating Factor
0.02
Storage Temperature Range
Continuous Drain Current
3
-5.2
Pulsed Drain Current
1
-30
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
3
Pb Free Plating Product
200503061-1/4
AP9565GEM
Rating
-40
±16
-6.5
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The SO-8 package is universally preferred for all commercial-industrial
surface mount applications and suited for low voltage applications
such as DC/DC converters.
S
S
S
G
D
D
D
D
SO-8
G
D
S


Similar Part No. - AP9565GEM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9565GEM-HF A-POWER-AP9565GEM-HF Datasheet
66Kb / 5P
   Fast Switching Characteristic
AP9565GEM A-POWER-AP9565GEM_14 Datasheet
95Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP9565GEM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4430GEM A-POWER-AP4430GEM Datasheet
255Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
AP9469GM A-POWER-AP9469GM Datasheet
100Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP9561GP-HF A-POWER-AP9561GP-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4425GM A-POWER-AP4425GM Datasheet
203Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
AP6930GMT-HF A-POWER-AP6930GMT-HF Datasheet
108Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4432GM A-POWER-AP4432GM Datasheet
100Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4880GEM A-POWER-AP4880GEM Datasheet
131Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP4428GM A-POWER-AP4428GM Datasheet
258Kb / 5P
   Simple Drive Requirement, Fast Switching Characteristic
AP9561GH-HF A-POWER-AP9561GH-HF Datasheet
102Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
AP9569GM A-POWER-AP9569GM Datasheet
64Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com