Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9566GM Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP9566GM
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9566GM Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP9566GM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9566GM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9566GM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9566GM Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-40
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-4A
-
-
72
mΩ
VGS=-4.5V, ID=-3A
-
-
100
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-4A
-
4
-
S
IDSS
Drain-Source Leakage Current
VDS=-32V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=-32V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=+20V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=-4A
-
6.5
10.5
nC
Qgs
Gate-Source Charge
VDS=-32V
-
1.7
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
3.5
-
nC
td(on)
Turn-on Delay Time
2
VDS=-20V
-
6
-
ns
tr
Rise Time
ID=-1A
-
5
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=-10V
-
22
-
ns
tf
Fall Time
RD=20Ω
-4
-
ns
Ciss
Input Capacitance
VGS=0V
-
580
930
pF
Coss
Output Capacitance
VDS=-25V
-
70
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
55
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=-2A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
2
IS=-4A, VGS=0V,
-
21
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
17
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
3.Surface mounted on 1 in
2 copper pad of FR4 board ; 125 ℃/W when mounted on Min. copper pad.
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2
AP9566GM


Similar Part No. - AP9566GM

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9566GM-HF A-POWER-AP9566GM-HF_14 Datasheet
99Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP9566GM

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com