Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9575GS-HF Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP9575GS-HF
Description  Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9575GS-HF Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP9575GS-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9575GS-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9575GS-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9575GS-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AP9575GS/P-HF
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
10
20
30
40
50
024
68
10
-V DS , Drain-to-Source Voltage (V)
T C =25
o C
-10V
-7.0V
-5.0V
-4.5V
V G =-3.0V
0
10
20
30
40
02
46
8
10
12
14
-V DS , Drain-to-Source Voltage (V)
T C = 150
o C
-10V
-7.0V
-5.0V
-4.5V
V G =-3.0V
50
60
70
80
90
246
8
10
-V GS , Gate-to-Source Voltage (V)
I D =-8 A
T C =25
o C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = -10 A
V G = - 10V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C)
0.0
2.0
4.0
6.0
8.0
10.0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C


Similar Part No. - AP9575GS-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9575GS-HF A-POWER-AP9575GS-HF Datasheet
57Kb / 5P
   Simple Drive Requirement
AP9575GS-HF A-POWER-AP9575GS-HF_14 Datasheet
103Kb / 4P
   Simple Drive Requirement
AP9575GS-HF A-POWER-AP9575GS-HF_16 Datasheet
57Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP9575GS-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2310GK-HF A-POWER-AP2310GK-HF Datasheet
60Kb / 4P
   Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP9575AGI-HF A-POWER-AP9575AGI-HF Datasheet
100Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575GP-HF A-POWER-AP9575GP-HF Datasheet
103Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9565AGJ A-POWER-AP9565AGJ Datasheet
102Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP2311GK-HF A-POWER-AP2311GK-HF Datasheet
55Kb / 4P
   Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP9561GM A-POWER-AP9561GM Datasheet
222Kb / 5P
   Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP2342GK-HF A-POWER-AP2342GK-HF Datasheet
66Kb / 4P
   Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP9575GM A-POWER-AP9575GM Datasheet
71Kb / 4P
   Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9998GI-HF A-POWER-AP9998GI-HF Datasheet
59Kb / 4P
   Lower Gate Charge Simple Drive Requirement Fast Switching Characteristic
AP98T06GP A-POWER-AP98T06GP Datasheet
99Kb / 4P
   Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com