Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3R604GH-HF Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP3R604GH-HF
Description  Low On-resistance, Simple Drive Requirement, Fast Switching Characteristic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP3R604GH-HF Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP3R604GH-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP3R604GH-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP3R604GH-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP3R604GH-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AP3R604GH-HF
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
4
1
10
100
1000
0.1
1
10
100
V DS ,Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
100us
1ms
10ms
100ms
DC
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty Factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor = 0.5
Single Pulse
0
2
4
6
8
10
0
1020
3040
50
Q G , Total Gate Charge (nC)
I D =40A
V DS =20V
V DS =24V
V DS =32V
0
1000
2000
3000
4000
1
5
9
131721
2529
V DS ,Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
Q
VG
4.5V
QGS
QGD
QG
Charge
td(on) tr
td(off) tf
VDS
VGS
10%
90%
Operation in this
area limited by
RDS(ON)


Similar Part No. - AP3R604GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3R604GH-HF A-POWER-AP3R604GH-HF_14 Datasheet
100Kb / 4P
   Simple Drive Requirement
More results

Similar Description - AP3R604GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3R604AGH-HF A-POWER-AP3R604AGH-HF Datasheet
69Kb / 4P
   Low On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP4409GEP-HF A-POWER-AP4409GEP-HF Datasheet
127Kb / 4P
   Low On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP4426GM-HF A-POWER-AP4426GM-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic, Low On-resistance
AP83T03AGH-HF A-POWER-AP83T03AGH-HF Datasheet
63Kb / 4P
   Low On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP98T06GI-HF A-POWER-AP98T06GI-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Low On-resistance, Fast Switching Characteristic
AP99T06AGP-HF A-POWER-AP99T06AGP-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Low On-resistance, Fast Switching Characteristic
AP0904GJB-HF A-POWER-AP0904GJB-HF Datasheet
63Kb / 4P
   Low On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP6677GH A-POWER-AP6677GH Datasheet
154Kb / 5P
   Lower On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP9562GP-HF A-POWER-AP9562GP-HF Datasheet
99Kb / 4P
   Lower On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP9567GH-HF A-POWER-AP9567GH-HF Datasheet
107Kb / 4P
   Lower On-resistance, Simple Drive Requirement, Fast Switching Characteristic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com