Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4016BC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # CD4016BC
Description  Quad Bilateral Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4016BC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  CD4016BC Datasheet HTML 1Page - Fairchild Semiconductor CD4016BC Datasheet HTML 2Page - Fairchild Semiconductor CD4016BC Datasheet HTML 3Page - Fairchild Semiconductor CD4016BC Datasheet HTML 4Page - Fairchild Semiconductor CD4016BC Datasheet HTML 5Page - Fairchild Semiconductor CD4016BC Datasheet HTML 6Page - Fairchild Semiconductor CD4016BC Datasheet HTML 7Page - Fairchild Semiconductor CD4016BC Datasheet HTML 8Page - Fairchild Semiconductor CD4016BC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics (Note 4)
TA = 25°C, tr = tf = 20 ns and VSS = 0V unless otherwise specified
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: These devices should not be connected to circuits with the power “ON”.
Note 6: In all cases, there is approximately 5 pF of probe and jig capacitance on the output; however, this capacitance is included in CL wherever it is speci-
fied.
Note 7: VIS is the voltage at the in/out pin and VOS is the voltage at the out/in pin. VC is the voltage at the control input.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL, tPLH
Propagation Delay Time
VC = VDD, CL = 50 pF, (Figure 1)
Signal Input to Signal Output
RL = 200k
VDD = 5V
58
100
ns
VDD= 10V
27
50
ns
VDD = 15V
20
40
ns
tPZH, tPZL
Propagation Delay Time
RL = 1.0 kΩ, CL = 50 pF, (Figure 2, Figure 3)
Control Input to Signal
VDD = 5V
20
50
ns
Output HIGH Impedance to
VDD = 10V
18
40
ns
Logical Level
VDD = 15V
17
35
ns
tPHZ, tPLZ
Propagation Delay Time
RL = 1.0 kΩ, CL = 50 pF, (Figure 2, Figure 3)
Control Input to Signal
VDD = 5V
15
40
ns
Output Logical Level to
VDD = 10V
11
25
ns
HIGH Impedance
VDD = 15V
10
22
ns
Sine Wave Distortion
VC = VDD = 5V, VSS = −50.4
%
RL = 10 kΩ, VIS = 5 VP-P, f = 1 kHz,
(Figure 4)
Frequency Response — Switch
VC = VDD = 5V, VSS = −5V,
40
MHz
“ON” (Frequency at
−3 dB)
RL = 1 kΩ, VIS = 5 VP-P,
20 Log10 VOS/VOS (1 kHz) −dB,
(Figure 4)
Feedthrough — Switch “OFF”
VDD = 5V, VC = VSS = −5V,
1.25
MHz
(Frequency at
−50 dB)
RL = 1 kΩ, VIS = 5 VP-P,
20 Log10 (VOS/VIS) = −50 dB,
(Figure 4)
Crosstalk Between Any Two
VDD = VC(A) = 5V; VSS = VC(B) = −5V,
0.9
MHz
Switches (Frequency at
−50 dB)
RL = 1 kΩVIS(A) = 5 VP-P,
20 Log10 (VOS(B)/VOS(A)) = −50 dB,
(Figure 5)
Crosstalk; Control Input to
VDD = 10V, RL = 10 kΩ
150
mVP-P
Signal Output
RIN = 1 kΩ, VCC = 10V Square Wave,
CL = 50 pF (Figure 6)
Maximum Control Input
RL = 1 kΩ, CL = 50 pF, (Figure 7)
VOS(f) = ½ VOS(1 kHz)
VDD = 5V
6.5
MHz
VDD = 10V
8.0
MHz
VDD = 15V
9.0
MHz
CIS
Signal Input Capacitance
4pF
COS
Signal Output Capacitance
VDD = 10V
4
pF
CIOS
Feedthrough Capacitance
VC = 0V
0.2
pF
CIN
Control Input Capacitance
57.5
pF


Similar Part No. - CD4016BC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4016BC NSC-CD4016BC Datasheet
168Kb / 8P
   Quad Bilateral Switch
logo
Fairchild Semiconductor
CD4016BC FAIRCHILD-CD4016BC Datasheet
104Kb / 9P
   Quad Bilateral Switch
CD4016BCM FAIRCHILD-CD4016BCM Datasheet
104Kb / 9P
   Quad Bilateral Switch
CD4016BCN FAIRCHILD-CD4016BCN Datasheet
104Kb / 9P
   Quad Bilateral Switch
CD4016BC FAIRCHILD-CD4016BC_02 Datasheet
104Kb / 9P
   Quad Bilateral Switch
More results

Similar Description - CD4016BC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com