Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4409GEP-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP4409GEP-HF
Description  Low On-resistance, Simple Drive Requirement, Fast Switching Characteristic
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4409GEP-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP4409GEP-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4409GEP-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4409GEP-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4409GEP-HF Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AP4409GEP-HF
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-35
-
-
V
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-40A
-
-
8.2
mΩ
VGS=-4.5V, ID=-30A
-
-
12.5
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-40A
-
65
-
S
IDSS
Drain-Source Leakage Current
VDS=-28V, VGS=0V
-
-
-10
uA
IGSS
Gate-Source Leakage
VGS= +20V, VDS=0V
-
-
+30
uA
Qg
Total Gate Charge
ID=-40A
-
58
93
nC
Qgs
Gate-Source Charge
VDS=-28V
-
12
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
33
-
nC
td(on)
Turn-on Delay Time
VDS=-18V
-
13
-
ns
tr
Rise Time
ID=-40A
-
80
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω
-92
-
ns
tf
Fall Time
VGS=-10V
-
147
-
ns
Ciss
Input Capacitance
VGS=0V
-
5600 8960
pF
Coss
Output Capacitance
VDS=-25V
-
750
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
550
-
pF
Rg
Gate Resistance
f=1.0MHz
-
3
6
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=-30A, VGS=0V
-
-
-1.2
V
trr
Reverse Recovery Time
IS=-10A, VGS=0V,
-
46
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
58
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse test
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION.
USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED.
APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED
HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN.
2


Similar Part No. - AP4409GEP-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4409GEP-HF A-POWER-AP4409GEP-HF_14 Datasheet
127Kb / 4P
   Simple Drive Requirement
AP4409GEP-HF A-POWER-AP4409GEP-HF_16 Datasheet
62Kb / 5P
   Fast Switching Characteristic
More results

Similar Description - AP4409GEP-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3R604AGH-HF A-POWER-AP3R604AGH-HF Datasheet
69Kb / 4P
   Low On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP3R604GH-HF A-POWER-AP3R604GH-HF Datasheet
100Kb / 4P
   Low On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP4426GM-HF A-POWER-AP4426GM-HF Datasheet
65Kb / 4P
   Simple Drive Requirement, Fast Switching Characteristic, Low On-resistance
AP83T03AGH-HF A-POWER-AP83T03AGH-HF Datasheet
63Kb / 4P
   Low On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP98T06GI-HF A-POWER-AP98T06GI-HF Datasheet
99Kb / 4P
   Simple Drive Requirement, Low On-resistance, Fast Switching Characteristic
AP99T06AGP-HF A-POWER-AP99T06AGP-HF Datasheet
100Kb / 4P
   Simple Drive Requirement, Low On-resistance, Fast Switching Characteristic
AP0904GJB-HF A-POWER-AP0904GJB-HF Datasheet
63Kb / 4P
   Low On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP6677GH A-POWER-AP6677GH Datasheet
154Kb / 5P
   Lower On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP9562GP-HF A-POWER-AP9562GP-HF Datasheet
99Kb / 4P
   Lower On-resistance, Simple Drive Requirement, Fast Switching Characteristic
AP9567GH-HF A-POWER-AP9567GH-HF Datasheet
107Kb / 4P
   Lower On-resistance, Simple Drive Requirement, Fast Switching Characteristic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com