Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4563GH-HF Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP4563GH-HF
Description  Simple Drive Requirement, Good Thermal Performance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4563GH-HF Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP4563GH-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4563GH-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4563GH-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4563GH-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4563GH-HF Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4563GH-HF Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4563GH-HF Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
N-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
40
-
-
V
Δ
BVDSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.04
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=8A
-
-
30
mΩ
VGS=4.5V, ID=5A
-
-
40
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=8A
-
18
-
S
IDSS
Drain-Source Leakage Current
VDS=40V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=70
oC) VDS=32V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=+20V, VDS=0V
-
-
+100
nA
Qg
Total Gate Charge
2
ID=8A
-
13
20.8
nC
Qgs
Gate-Source Charge
VDS=32V
-
3
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
8
-
nC
td(on)
Turn-on Delay Time
2
VDS=20V
-
8
-
ns
tr
Rise Time
ID=1A
-
5.5
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
23
-
ns
tf
Fall Time
RD=20Ω
-6
-
ns
Ciss
Input Capacitance
VGS=0V
-
960
1760
pF
Coss
Output Capacitance
VDS=25V
-
105
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
90
-
pF
Rg
Gate Resistance
f=1.0MHz
-
1.5
2.7
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Units
VSD
Forward On Voltage
2
IS=2.4A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
2
IS=8A, VGS=0V
-
20
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
14
-
nC
2
AP4563GH-HF


Similar Part No. - AP4563GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4563GH-HF A-POWER-AP4563GH-HF_14 Datasheet
126Kb / 7P
   Simple Drive Requirement
AP4563GH-HF A-POWER-AP4563GH-HF_16 Datasheet
128Kb / 8P
   Fast Switching Performance
More results

Similar Description - AP4563GH-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4500GYT-HF A-POWER-AP4500GYT-HF Datasheet
152Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4526AGH-HF A-POWER-AP4526AGH-HF Datasheet
126Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4531GH A-POWER-AP4531GH Datasheet
193Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4528GH A-POWER-AP4528GH Datasheet
196Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4509AGH-HF A-POWER-AP4509AGH-HF Datasheet
125Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4511GH-A A-POWER-AP4511GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4578GH-HF A-POWER-AP4578GH-HF Datasheet
128Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4513GH-A A-POWER-AP4513GH-A Datasheet
158Kb / 8P
   Simple Drive Requirement, Good Thermal Performance
AP4543GEH-HF A-POWER-AP4543GEH-HF Datasheet
183Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
AP4578GH A-POWER-AP4578GH_11 Datasheet
128Kb / 7P
   Simple Drive Requirement, Good Thermal Performance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com