Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD40175BCM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CD40175BCM
Description  Hex D-Type Flip-FlopQuad D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD40175BCM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CD40175BCM Datasheet HTML 1Page - Fairchild Semiconductor CD40175BCM Datasheet HTML 2Page - Fairchild Semiconductor CD40175BCM Datasheet HTML 3Page - Fairchild Semiconductor CD40175BCM Datasheet HTML 4Page - Fairchild Semiconductor CD40175BCM Datasheet HTML 5Page - Fairchild Semiconductor CD40175BCM Datasheet HTML 6Page - Fairchild Semiconductor CD40175BCM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 5)
TA = 25°C, CL = 50 pF, RL = 200k and tr = tf = 20 ns, unless otherwise specified
Note 5: AC Parameters are guaranteed by DC correlated testing.
Note 6: CPD determines the no load AC power consumption of any CMOS device. For complete explanation, see 74C Family Characteristics application
note, AN-90.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL, tPLH
Propagation Delay Time to a
VDD = 5V
190
300
ns
Logical “0” or Logical “1” from
VDD = 10V
75
110
ns
Clock to Q or Q (CD40175 Only)
VDD = 15V
60
90
ns
tPHL
Propagation Delay Time to a
VDD = 5V
180
300
ns
Logical “0” from Clear to Q
VDD = 10V
70
110
ns
VDD = 15V
60
90
ns
tPLH
Propagation Delay Time to a Logical
VDD = 5V
230
400
ns
“1” from Clear to Q (CD40175 Only)
VDD = 10V
90
150
ns
VDD = 15V
75
120
ns
tSU
Time Prior to Clock Pulse that
VDD = 5V
45
100
ns
Data must be Present
VDD = 10V
15
40
ns
VDD = 15V
13
35
ns
tH
Time after Clock Pulse that
VDD = 5V
−11
0
ns
Data Must be Held
VDD = 10V
−40
ns
VDD = 15V
−30
ns
tTHL, tTLH
Transition Time
VDD = 5V
100
200
ns
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
tWH, tWL
Minimum Clock Pulse Width
VDD = 5V
130
250
ns
VDD = 10V
45
100
ns
VDD = 15V
40
80
ns
tWL
Minimum Clear Pulse Width
VDD = 5V
120
250
ns
VDD = 10V
45
100
ns
VDD = 15V
40
80
ns
tRCL
Maximum Clock Rise Time
VDD = 5V
15
µs
VDD = 10V
5.0
µs
VDD = 15V
5.0
µs
tfCL
Maximum Clock Fall Time
VDD = 5V
15
50
µs
VDD = 10V
5.0
50
µs
VDD = 15V
5.0
50
µs
fCL
Maximum Clock Frequency
VDD = 5V
2.0
3.5
MHz
VDD = 10V
5.0
10
MHz
VDD = 15V
6.0
12
MHz
CIN
Input Capacitance
Clear Input
10
15
pF
Other Input
5.0
7.5
pF
CPD
Power Dissipation
Per Package (Note 6)
130
pF


Similar Part No. - CD40175BCM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD40175BC NSC-CD40175BC Datasheet
135Kb / 6P
   Hex,Quad D Flip-Flop
CD40175BC NSC-CD40175BC Datasheet
135Kb / 6P
   Hex D Flip-Flop
CD40175BCJ NSC-CD40175BCJ Datasheet
135Kb / 6P
   Hex,Quad D Flip-Flop
CD40175BCN NSC-CD40175BCN Datasheet
135Kb / 6P
   Hex,Quad D Flip-Flop
More results

Similar Description - CD40175BCM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Texas Instruments
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
   Hex D-type Flip Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
   Hex Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40174B PHILIPS-HEF40174B Datasheet
62Kb / 5P
   Hex D-type flip-flop
January 1995
logo
ON Semiconductor
MC14174B_0008 ONSEMI-MC14174B_0008 Datasheet
95Kb / 8P
   Hex Type D Flip-Flop
August, 2000 ??Rev. 4
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com