Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT5087LT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBT5087LT1G
Description  Low Noise Transistor PNP Silicon RoHS requirements.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT5087LT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBT5087LT1G_11 Datasheet HTML 1Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 2Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 3Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 4Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 5Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 6Page - Leshan Radio Company LMBT5087LT1G_11 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
2/7
LMBT5087LT1G
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
M a x
Unit
ON CHARACTERISTICS
DC Current Gain
h FE
––
(I C = –100
µAdc, V
CE = –5.0 Vdc)
250
800
(I C = –1.0 mAdc, V CE = –5.0 Vdc)
250
––
(I C = –10 mAdc, V CE = –5.0 Vdc)
250
––
Collector–Emitter Saturation Voltage
V CE(sat)
––
– 0.3
Vdc
(I C = –10 mAdc, I B = –1.0 mAdc)
Base–Emitter Saturation Voltage
V BE(sat)
––
– 0.85
Vdc
(I C = –10 mAdc, I B = –1.0 mAdc)
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
40
MHz
(I C = –500
µAdc, V
CE= –5.0 Vdc, f = 20 MHz)
Output Capacitance
C obo
4.0
pF
(V CB= –5.0 Vdc, I E = 0, f = 1.0 MHz)
Small–Signal Current Gain
h fe
250
900
(I C= –1.0mAdc, V CE = –5.0Vdc, f = 1.0 kHz)
Noise Figure
N F
dB
(I C = –20 mAdc, V CE= –5.0 Vdc,Rs=10k
Ω, f = 1.0 kHz)
2.0
(I C = –100
µAdc, V
CE= –5.0 Vdc,R
s=3.0k
Ω, f = 1.0 kHz)
2.0


Similar Part No. - LMBT5087LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT5087LT1G LRC-LMBT5087LT1G_15 Datasheet
163Kb / 7P
   Low Noise Transistor
More results

Similar Description - LMBT5087LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT6520LT1G LRC-LMBT6520LT1G_11 Datasheet
246Kb / 6P
   High Voltage Transistor PNP Silicon RoHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA94LT1G LRC-LMBTA94LT1G_11 Datasheet
90Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR RoHS requirements.
MMBT5087LT1 LRC-MMBT5087LT1 Datasheet
165Kb / 6P
   Low Noise Transistor(PNP Silicon)
logo
Central Semiconductor C...
CMPT992 CENTRAL-CMPT992 Datasheet
112Kb / 2P
   PNP SILICON LOW NOISE TRANSISTOR
logo
Leshan Radio Company
LMBT918LT1G LRC-LMBT918LT1G_11 Datasheet
75Kb / 3P
   VHF / UFH Transistor NPN Silicon RoHS requirements.
logo
Central Semiconductor C...
CMPT992 CENTRAL-CMPT992_15 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
CMPT992 CENTRAL-CMPT992_10 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP LOW NOISE SILICON TRANSISTOR
logo
Samsung semiconductor
MMBT5086 SAMSUNG-MMBT5086 Datasheet
70Kb / 2P
   PNP (LOW NOISE TRANSISTOR)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com