Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT5401DW1T3G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBT5401DW1T3G
Description  DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT5401DW1T3G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBT5401DW1T3G Datasheet HTML 1Page - Leshan Radio Company LMBT5401DW1T3G Datasheet HTML 2Page - Leshan Radio Company LMBT5401DW1T3G Datasheet HTML 3Page - Leshan Radio Company LMBT5401DW1T3G Datasheet HTML 4Page - Leshan Radio Company LMBT5401DW1T3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT5401DW1T1G
V CE = –1.0 V
V CE = –5.0 V
I C, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
T J=125°C
25°C
–55°C
200
150
100
70
50
30
20
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
30
50
100
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
I C =1.0mA
I B , BASE CURRENT (mA)
Figure 2. Collector Saturation Region
V BE , BASE–EMITTER VOLTAGE (VOLTS)
Figure 3. Collector Cut–Off Region
10mA
30 mA
100 mA
V CE = 30 V
I C = I CES
TJ = 125°C
75°C
25°C
REVERSE
FORWARD
10 3
10 2
10 1
10 0
10 -1
10 -2
10 -3
- 0.3 - 0.2
- 0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Rev.O 3/5


Similar Part No. - LMBT5401DW1T3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT5401DW1T1G LRC-LMBT5401DW1T1G_15 Datasheet
218Kb / 5P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - LMBT5401DW1T3G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403_1 Datasheet
437Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 7 - 2
MMDT2907V DIODES-MMDT2907V Datasheet
152Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30564 Rev. 4 - 2
MMDT4403 DIODES-MMDT4403_15 Datasheet
177Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC857BV DIODES-BC857BV_15 Datasheet
352Kb / 5P
   PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4403 DIODES-MMDT4403_2 Datasheet
177Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
DST857BDJ DIODES-DST857BDJ Datasheet
143Kb / 5P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32037 Rev. 1 - 2
logo
Unisonic Technologies
MMDT3906 UTC-MMDT3906 Datasheet
121Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
IMT4 DIODES-IMT4_1 Datasheet
455Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906 Datasheet
184Kb / 4P
   Dual PNP Small Signal Surface Mount Transistor
logo
Diodes Incorporated
BC587BS DIODES-BC587BS Datasheet
59Kb / 3P
   DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30373 Rev. 1 - 2
MMDT3906 DIODES-MMDT3906 Datasheet
59Kb / 3P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30124 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com