Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT5551DW1T3G Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBT5551DW1T3G
Description  DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT5551DW1T3G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBT5551DW1T3G Datasheet HTML 1Page - Leshan Radio Company LMBT5551DW1T3G Datasheet HTML 2Page - Leshan Radio Company LMBT5551DW1T3G Datasheet HTML 3Page - Leshan Radio Company LMBT5551DW1T3G Datasheet HTML 4Page - Leshan Radio Company LMBT5551DW1T3G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
V CE = 1.0 V
V CE = 5.0 V
I C , COLLECTOR CURRENT (mA)
Figure 15. DC Current Gain
T J = +125°C
+25°C
–55°C
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
500
300
200
100
50
30
20
10
7.0
5.0
I B , BASE CURRENT (mA)
Figure 16. Collector Saturation Region
V BE , BASE–EMITTER VOLTAGE (VOLTS)
Figure 3. Collector Cut–Off Region
I C , COLLECTOR CURRENT (mA)
Figure 4. “On” Voltages
–0.4 –0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
10 1
10 0
10 –1
10 –2
10 –3
10 –4
10 –5
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
1.0
0.8
0.6
0.4
0.2
0
I C = 1.0 mA
T J = 25°C
10 mA
30 mA
100 mA
0.1
0.2 0.3
0.5
1.0
2.0 3.0
5.0
10
20 30
50
100
1.0
0.8
0.6
0.4
0.2
0
V CE = 30 V
T J = 125°C
75°C
25°C
I C = I CES
REVERSE
FORWARD
T J = 25°C
V BE(sat) @ I C /I B = 10
V CE(sat) @ I C /I B = 10
LMBT5551DW1T1G
Rev.O 3/5


Similar Part No. - LMBT5551DW1T3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT5551DW1T1G LRC-LMBT5551DW1T1G_15 Datasheet
140Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - LMBT5551DW1T3G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
MMDT3904VC DIODES-MMDT3904VC Datasheet
178Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30636 Rev. 3 - 2
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT3904 DIODES-MMDT3904_1 Datasheet
121Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
BC847BS DIODES-BC847BS_1 Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT3904VC DIODES-MMDT3904VC_15 Datasheet
450Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
   NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com