Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD736AQ Datasheet(PDF) 3 Page - Analog Devices

Part # AD736AQ
Description  Low Cost, Low Power, True RMS-to-DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD736AQ Datasheet(HTML) 3 Page - Analog Devices

  AD736AQ Datasheet HTML 1Page - Analog Devices AD736AQ Datasheet HTML 2Page - Analog Devices AD736AQ Datasheet HTML 3Page - Analog Devices AD736AQ Datasheet HTML 4Page - Analog Devices AD736AQ Datasheet HTML 5Page - Analog Devices AD736AQ Datasheet HTML 6Page - Analog Devices AD736AQ Datasheet HTML 7Page - Analog Devices AD736AQ Datasheet HTML 8Page - Analog Devices AD736AQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD736
Rev. I | Page 3 of 20
SPECIFICATIONS
At 25°C ± 5 V supplies, ac-coupled with 1 kHz sine wave input applied, unless otherwise noted. Specifications in bold are tested on all
production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
Table 1.
AD736J/AD736A
AD736K/AD736B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
TRANSFER FUNCTION
VOUT = √Avg (VIN2)
CONVERSION ACCURACY
1 kHz sine wave
Total Error, Internal Trim1
Using CC
All Grades
0 mV rms to 200 mV rms
0.3/0.3
0.5/0.5
0.2/0.2
0.3/0.3
±mV/±% of reading
200 mV to 1 V rms
−1.2
±2.0
−1.2
±2.0
% of reading
TMIN to TMAX
A and B Grades
@ 200 mV rms
0.7/0.7
0.5/0.5
±mV/±% of reading
J and K Grades
@ 200 mV rms
0.007
0.007
±% of reading/°C
vs. Supply Voltage
@ 200 mV rms Input
VS = ±5 V to ±16.5 V
0
+0.06
+0.1
0
+0.06
+0.1
%/V
VS = ±5 V to ±3 V
0
−0.18
−0.3
0
−0.18
−0.3
%/V
DC Reversal Error, DC-Coupled
@ 600 mV dc
1.3
2.5
1.3
2.5
% of reading
Nonlinearity2, 0 mV to 200 mV
@ 100 mV rms
0
0.25
0.35
0
0.25
0.35
% of reading
Total Error, External Trim
0 mV rms to 200 mV rms
0.1/0.5
0.1/0.3
±mV/±% of reading
ERROR VS. CREST FACTOR3
Crest Factor = 1 to 3
CAV, CF = 100 µF
0.7
0.7
% additional error
Crest Factor = 3 to 5
CAV, CF = 100 µF
2.5
2.5
% additional error
INPUT CHARACTERISTICS
High Impedance Input
Signal Range (Pin 2)
Continuous RMS Level
VS = +2.8 V, −3.2 V
200
200
mV rms
VS = ±5 V to ±16.5 V
1
1
V rms
Peak Transient Input
VS = +2.8 V, −3.2 V
±0.9
±0.9
V
VS = ±5 V
±2.7
±2.7
V
VS = ±16.5 V
±4.0
±4.0
V
Input Resistance
1012
1012
Input Bias Current
VS = ±3 V to ±16.5 V
1
25
1
25
pA
Low Impedance Input
Signal Range (Pin 1)
Continuous RMS Level
VS = +2.8 V, –3.2 V
300
300
mV rms
VS = ±5 V to ±16.5 V
1
1
V rms
Peak Transient Input
VS = +2.8 V, −3.2 V
±1.7
±1.7
V
VS = ±5 V
±3.8
±3.8
V
VS = ±16.5 V
±11
±11
V
Input Resistance
6.4
8
9.6
6.4
8
9.6
kΩ
Maximum Continuous
Nondestructive Input
All supply voltages
±12
±12
V p-p
Input Offset Voltage4
J and K Grades
±3
±3
mV
A and B Grades
±3
±3
mV
vs. Temperature
8
30
8
30
µV/°C
vs. Supply
VS = ±5 V to ±16.5 V
50
150
50
150
µV/V
VS = ±5 V to ±3 V
80
80
µV/V


Similar Part No. - AD736AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD736AQ AD-AD736AQ Datasheet
218Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
More results

Similar Description - AD736AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
   Low Cost, Low Power, True RMS-to-DC Converter
AD736 AD-AD736 Datasheet
218Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD737 AD-AD737_12 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com