Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT6427LT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBT6427LT1G
Description  Darlington Transistors NPN Silicon RoHS requirements.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT6427LT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBT6427LT1G_11 Datasheet HTML 1Page - Leshan Radio Company LMBT6427LT1G_11 Datasheet HTML 2Page - Leshan Radio Company LMBT6427LT1G_11 Datasheet HTML 3Page - Leshan Radio Company LMBT6427LT1G_11 Datasheet HTML 4Page - Leshan Radio Company LMBT6427LT1G_11 Datasheet HTML 5Page - Leshan Radio Company LMBT6427LT1G_11 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT6427LT1G
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
––
(I C = 10 mAdc, V CE = 5.0 Vdc)
10,000
100,000
(I C = 100 mAdc, V CE = 5.0Vdc)
20,000
200,000
(I C = 500 mAdc, V CE = 5.0Vdc)
14,000
140,000
Collector–Emitter Saturation Voltage
VCE(sat)(3)
Vdc
(I C = 50 mAdc, I B = 0.5 mAdc)
––
1.2
(I C = 500 mAdc, I B = 0.5 mAdc)
––
1.5
Base–Emitter Saturation Voltage
V BE(sat)
––
2.0
Vdc
(I C = 500 mAdc, I B = 0.5 mAdc)
Base–Emitter On Voltage
V BE(on)
1.75
Vdc
(I C = 50 mAdc, V CE = 5.0Vdc)
SMALL–SIGNAL CHARACTERISTICS
Output Capacitance
(V CB = 10 Vdc, I E = 0, f = 1.0 MHz)
C obo
––
7.0
pF
Input Capacitance
C ibo
––
15
pF
(V EB=0.5 Vdc, I C = 0 , f = 1.0 MHz)
Current Gain–High Frequency
|h
fe |
1.3
Vdc
(V CE = 5.0 Vdc, I C = 10mAdc, f = 100 MHz)
Noise Finure
NF
10
dB
(V CE=5.0 Vdc, I C = 1.0 mAdc , R S =100 k
Ω, f = 1.0 kHz )
3. Pulse Tent: Pulse Width = 300
µs, Duty Cycle = 2.0%
R S
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model
Rev.O 2/6


Similar Part No. - LMBT6427LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT6427LT1G LRC-LMBT6427LT1G_15 Datasheet
243Kb / 6P
   Darlington Transistors
More results

Similar Description - LMBT6427LT1G_11

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA13LT1G LRC-LMBTA13LT1G Datasheet
301Kb / 6P
   Darlington Amplifier Transistors RoHS requirements.
LMBT6428LT1G LRC-LMBT6428LT1G_11 Datasheet
283Kb / 5P
   Amplifier Transistors NPN Silicon RoHS requirements.
LMBT2222LT1G LRC-LMBT2222LT1G Datasheet
243Kb / 6P
   General Purpose Transistors NPN Silicon RoHS requirements.
LMBT6517LT1G LRC-LMBT6517LT1G_11 Datasheet
247Kb / 6P
   High Voltage Transistors NPN Silicon RoHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_12 Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
logo
Infineon Technologies A...
BCV27 INFINEON-BCV27 Datasheet
49Kb / 5P
   NPN Silicon Darlington Transistors
Jul-12-2001
logo
Central Semiconductor C...
MPSA28 CENTRAL-MPSA28 Datasheet
540Kb / 3P
   SILICON NPN DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BSP50-BSP52 INFINEON-BSP50-BSP52 Datasheet
570Kb / 8P
   NPN Silicon Darlington Transistors
2011-10-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com