Electronic Components Datasheet Search |
|
AD736AR-REEL7 Datasheet(PDF) 4 Page - Analog Devices |
|
AD736AR-REEL7 Datasheet(HTML) 4 Page - Analog Devices |
4 / 20 page AD736 Data Sheet Rev. I | Page 4 of 20 AD736J/AD736A AD736K/AD736B Parameter Conditions Min Typ Max Min Typ Max Unit OUTPUT CHARACTERISTICS Output Offset Voltage J and K Grades ±0.1 ±0.5 ±0.1 ±0.3 mV A and B Grades ±0.5 ±0.3 mV vs. Temperature 1 20 1 20 µV/°C vs. Supply VS = ±5 V to ±16.5 V 50 130 50 130 µV/V VS = ±5 V to ±3 V 50 50 µV/V Output Voltage Swing 2 kΩ Load VS = +2.8 V, −3.2 V 0 to 1.6 1.7 0 to 1.6 1.7 V VS = ±5 V 0 to 3.6 3.8 0 to 3.6 3.8 V VS = ±16.5 V 0 to 4 5 0 to 4 5 V No Load VS = ±16.5 V 0 to 4 12 0 to 4 12 V Output Current 2 2 mA Short-Circuit Current 3 3 mA Output Resistance @ dc 0.2 0.2 Ω FREQUENCY RESPONSE High Impedance Input (Pin 2) for 1% Additional Error Sine wave input VIN = 1 mV rms 1 1 kHz VIN = 10 mV rms 6 6 kHz VIN = 100 mV rms 37 37 kHz VIN = 200 mV rms 33 33 kHz ±3 dB Bandwidth Sine wave input VIN = 1 mV rms 5 5 kHz VIN = 10 mV rms 55 55 kHz VIN = 100 mV rms 170 170 kHz VIN = 200 mV rms 190 190 kHz Low Impedance Input (Pin 1) for 1% Additional Error Sine wave input VIN = 1 mV rms 1 1 kHz VIN = 10 mV rms 6 6 kHz VIN = 100 mV rms 90 90 kHz VIN = 200 mV rms 90 90 kHz ±3 dB Bandwidth Sine wave input VIN = 1 mV rms 5 5 kHz VIN = 10 mV rms 55 55 kHz VIN = 100 mV rms 350 350 kHz VIN = 200 mV rms 460 460 kHz POWER SUPPLY Operating Voltage Range +2.8, −3.2 ±5 ±16.5 +2.8, −3.2 ± 5 ±16.5 V Quiescent Current Zero signal 160 200 160 200 µA 200 mV rms, No Load Sine wave input 230 270 230 270 µA TEMPERATURE RANGE Operating, Rated Performance Commercial 0°C to 70°C AD736JN, AD736JR AD736KN, AD736KR Industrial −40°C to +85°C AD736AQ, AD736AR AD736BQ, AD736BR 1 Accuracy is specified with the AD736 connected as shown in Figure 18 with Capacitor CC. 2 Nonlinearity is defined as the maximum deviation (in percent error) from a straight line connecting the readings at 0 mV rms and 200 mV rms. Output offset voltage is adjusted to zero. 3 Error vs. crest factor is specified as additional error for a 200 mV rms signal. Crest factor = VPEAK/V rms. 4 DC offset does not limit ac resolution. |
Similar Part No. - AD736AR-REEL7 |
|
Similar Description - AD736AR-REEL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |