Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT6428LT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBT6428LT1G
Description  Amplifier Transistors NPN Silicon RoHS requirements.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT6428LT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBT6428LT1G Datasheet HTML 1Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 2Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 3Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 4Page - Leshan Radio Company LMBT6428LT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT6428LT1G LMBT6429LT1G
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
hFE
––
(I C = 0.01 mAdc, V CE = 5.0 Vdc)
LMBT6428LT1G
250
LMBT6429LT1G
500
(I C = 0.1 mAdc, V CE
(I C = 1.0 mAdc, V CE
(I C = 10 mAdc, V CE
Collector–Emitter Saturation Voltage
VCE(sat)
Vdc
(I C = 10 mAdc, I B = 0.5 mAdc)
––
0.2
(I C = 100 mAdc, I B = 5.0 mAdc)
––
0.6
Base–Emitter On Voltage
V BE(on)
0.56
0.66
Vdc
(I C = 1.0 mAdc, V CE = 5.0mAdc)
SMALL–SIGNAL CHARACTERISTICS
Current Gain–Bandwidth Product
f
T
100
700
MHz
(V CE = 5.0 Vdc, I C = 1.0mAdc, f = 100 MHz)
Output Capacitance
(V CB = 10 Vdc, I E = 0, f = 1.0 MHz)
C obo
––
3.0
pF
Input Capacitance
C ibo
––
8.0
pF
(V EB= 0.5 Vdc, I C = 0 , f = 1.0 MHz)
R S
in
en
IDEAL
TRANSISTOR
Figure 1. Transistor Noise Model
= 5.0 Vdc)
LMBT6428LT1G
250
650
LMBT6429LT1G
500
1250
= 5.0 Vdc)
LMBT6428LT1G
250
LMBT6429LT1G
500
= 5.0 Vdc)
LMBT6428LT1G
250
LMBT6429LT1G
500
Rev.O 2/5


Similar Part No. - LMBT6428LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT6428LT1G LRC-LMBT6428LT1G Datasheet
282Kb / 5P
   Amplifier Transistors
LMBT6428LT1G LRC-LMBT6428LT1G_15 Datasheet
288Kb / 5P
   Amplifier Transistors
More results

Similar Description - LMBT6428LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT6427LT1G LRC-LMBT6427LT1G_11 Datasheet
231Kb / 6P
   Darlington Transistors NPN Silicon RoHS requirements.
LMBT2222LT1G LRC-LMBT2222LT1G Datasheet
243Kb / 6P
   General Purpose Transistors NPN Silicon RoHS requirements.
LMBT6517LT1G LRC-LMBT6517LT1G_11 Datasheet
247Kb / 6P
   High Voltage Transistors NPN Silicon RoHS requirements.
LMBTA13LT1G LRC-LMBTA13LT1G Datasheet
301Kb / 6P
   Darlington Amplifier Transistors RoHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_12 Datasheet
447Kb / 8P
   Dual General Purpose Transistors NPN Silicon ROHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA05LT1G LRC-LMBTA05LT1G_11 Datasheet
119Kb / 3P
   Driver Transistors RoHS requirements.
LMBTA06WT1G LRC-LMBTA06WT1G Datasheet
169Kb / 3P
   Driver Transistors RoHS requirements.
LMBT918LT1G LRC-LMBT918LT1G_11 Datasheet
75Kb / 3P
   VHF / UFH Transistor NPN Silicon RoHS requirements.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com