Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBTA06WT1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBTA06WT1G
Description  Driver Transistors RoHS requirements.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBTA06WT1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBTA06WT1G Datasheet HTML 1Page - Leshan Radio Company LMBTA06WT1G Datasheet HTML 2Page - Leshan Radio Company LMBTA06WT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LMBTA05WT1G
Driver Transistors
MAXIMUM RATINGS
Rating
Symbol
LMBTA05 LMBTA06
Unit
Collector–Emitter Voltage
V CEO
60
80
Vdc
Collector–Base Voltage
V CBO
60
80
Vdc
Emitter–Base Voltage
V EBO
4.0
Vdc
Collector Current — Continuous
I C
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
P D
150
mW
TA = 25°C
Derate above 25°C
1.2
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
833
°C/W
Total Device Dissipation
P D
200
mW
Alumina Substrate, (2) TA = 25°C
Derate above 25°C
1.6
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
625
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
DEVICE MARKING
LMBTA05WT1G = 1H, LMBTA06WT1G = 1GM;
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage(3)
V (BR)CEO
Vdc
(I C = 1.0 mAdc, I B = 0)
LMBTA05
60
LMBTA06
80
Emitter–Base Breakdown Voltage
V (BR)EBO
4.0
Vdc
(I E = 100
µAdc, I
C = 0)
Collector Cutoff Current
I CES
0.1
µAdc
( V CE = 60Vdc, I B = 0)
Emitter Cutoff Current
I CBO
µAdc
( V CB = 60Vdc, I E = 0)
LMBTA05
0.1
( V CB = 80Vdc, I E = 0)
LMBTA06
0.1
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.
Value
2
EMITTER
3
COLLECTOR
1
BASE
FEATURES
LMBTA06WT1G
We declare that the material of product
compliance with RoHS requirements.
1
2
3
SOT–323 / SC – 70
Rev.O 1/3


Similar Part No. - LMBTA06WT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA06LT1 LRC-LMBTA06LT1 Datasheet
111Kb / 3P
   Driver Transistors
LMBTA06LT1G LRC-LMBTA06LT1G Datasheet
111Kb / 3P
   Driver Transistors
LMBTA06LT1G LRC-LMBTA06LT1G Datasheet
119Kb / 3P
   Driver Transistors RoHS requirements.
logo
Shanghai Leiditech Elec...
LMBTA06LT1G LEIDITECH-LMBTA06LT1G Datasheet
324Kb / 3P
   S- Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements
logo
Leshan Radio Company
LMBTA06LT1G LRC-LMBTA06LT1G_15 Datasheet
118Kb / 3P
   Driver Transistors
More results

Similar Description - LMBTA06WT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA05LT1G LRC-LMBTA05LT1G_11 Datasheet
119Kb / 3P
   Driver Transistors RoHS requirements.
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA06UT1G LRC-LMBTA06UT1G Datasheet
143Kb / 3P
   Dual Driver Transistors NPN/PNP Duals RoHS requirements.
LMBTA13LT1G LRC-LMBTA13LT1G Datasheet
301Kb / 6P
   Darlington Amplifier Transistors RoHS requirements.
LMBTH10QLT1G LRC-LMBTH10QLT1G_11 Datasheet
210Kb / 5P
   VHF/UHF Transistors RoHS requirements.
LBC817-25WT1G LRC-LBC817-25WT1G Datasheet
165Kb / 3P
   General Purpose Transistors RoHS requirements.
LMBTH10WT1G LRC-LMBTH10WT1G_11 Datasheet
494Kb / 7P
   VHF/UHF Transistors RoHS requirements.
LMBT5551LT1G LRC-LMBT5551LT1G_11 Datasheet
135Kb / 5P
   High Voltage Transistors RoHS requirements.
LMBTH10LT1G LRC-LMBTH10LT1G Datasheet
209Kb / 5P
   VHF/UHF Transistors RoHS requirements.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com