Electronic Components Datasheet Search |
|
AD736KNZ Datasheet(PDF) 5 Page - Analog Devices |
|
AD736KNZ Datasheet(HTML) 5 Page - Analog Devices |
5 / 20 page Data Sheet AD736 Rev. I | Page 5 of 20 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating Supply Voltage ±16.5 V Internal Power Dissipation 200 mW Input Voltage Pin 2 through Pin 8 ±VS Pin 1 ±12 V Output Short-Circuit Duration Indefinite Differential Input Voltage +VS and –VS Storage Temperature Range (Q) –65°C to +150°C Storage Temperature Range (N, R) –65°C to +125°C Lead Temperature (Soldering, 60 sec) 300°C ESD Rating 500 V Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 3. Thermal Resistance Package Type θJA Unit 8-Lead PDIP 165 °C/W 8-Lead CERDIP 110 °C/W 8-Lead SOIC 155 °C/W ESD CAUTION |
Similar Part No. - AD736KNZ |
|
Similar Description - AD736KNZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |