Electronic Components Datasheet Search |
|
AD736KRZ-RL Datasheet(PDF) 3 Page - Analog Devices |
|
AD736KRZ-RL Datasheet(HTML) 3 Page - Analog Devices |
3 / 20 page Data Sheet AD736 Rev. I | Page 3 of 20 SPECIFICATIONS At 25°C ± 5 V supplies, ac-coupled with 1 kHz sine wave input applied, unless otherwise noted. Specifications in bold are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. Table 1. AD736J/AD736A AD736K/AD736B Parameter Conditions Min Typ Max Min Typ Max Unit TRANSFER FUNCTION VOUT = √Avg (VIN2) CONVERSION ACCURACY 1 kHz sine wave Total Error, Internal Trim1 Using CC All Grades 0 mV rms to 200 mV rms 0.3/0.3 0.5/0.5 0.2/0.2 0.3/0.3 ±mV/±% of reading 200 mV to 1 V rms −1.2 ±2.0 −1.2 ±2.0 % of reading TMIN to TMAX A and B Grades @ 200 mV rms 0.7/0.7 0.5/0.5 ±mV/±% of reading J and K Grades @ 200 mV rms 0.007 0.007 ±% of reading/°C vs. Supply Voltage @ 200 mV rms Input VS = ±5 V to ±16.5 V 0 +0.06 +0.1 0 +0.06 +0.1 %/V VS = ±5 V to ±3 V 0 −0.18 −0.3 0 −0.18 −0.3 %/V DC Reversal Error, DC-Coupled @ 600 mV dc 1.3 2.5 1.3 2.5 % of reading Nonlinearity2, 0 mV to 200 mV @ 100 mV rms 0 0.25 0.35 0 0.25 0.35 % of reading Total Error, External Trim 0 mV rms to 200 mV rms 0.1/0.5 0.1/0.3 ±mV/±% of reading ERROR VS. CREST FACTOR3 Crest Factor = 1 to 3 CAV, CF = 100 µF 0.7 0.7 % additional error Crest Factor = 3 to 5 CAV, CF = 100 µF 2.5 2.5 % additional error INPUT CHARACTERISTICS High Impedance Input Signal Range (Pin 2) Continuous RMS Level VS = +2.8 V, −3.2 V 200 200 mV rms VS = ±5 V to ±16.5 V 1 1 V rms Peak Transient Input VS = +2.8 V, −3.2 V ±0.9 ±0.9 V VS = ±5 V ±2.7 ±2.7 V VS = ±16.5 V ±4.0 ±4.0 V Input Resistance 1012 1012 Ω Input Bias Current VS = ±3 V to ±16.5 V 1 25 1 25 pA Low Impedance Input Signal Range (Pin 1) Continuous RMS Level VS = +2.8 V, –3.2 V 300 300 mV rms VS = ±5 V to ±16.5 V 1 1 V rms Peak Transient Input VS = +2.8 V, −3.2 V ±1.7 ±1.7 V VS = ±5 V ±3.8 ±3.8 V VS = ±16.5 V ±11 ±11 V Input Resistance 6.4 8 9.6 6.4 8 9.6 kΩ Maximum Continuous Nondestructive Input All supply voltages ±12 ±12 V p-p Input Offset Voltage4 J and K Grades ±3 ±3 mV A and B Grades ±3 ±3 mV vs. Temperature 8 30 8 30 µV/°C vs. Supply VS = ±5 V to ±16.5 V 50 150 50 150 µV/V VS = ±5 V to ±3 V 80 80 µV/V |
Similar Part No. - AD736KRZ-RL |
|
Similar Description - AD736KRZ-RL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |