Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4049UBC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CD4049UBC
Description  Hex Inverting Buffer . Hex Non-Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4049UBC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CD4049UBC Datasheet HTML 1Page - Fairchild Semiconductor CD4049UBC Datasheet HTML 2Page - Fairchild Semiconductor CD4049UBC Datasheet HTML 3Page - Fairchild Semiconductor CD4049UBC Datasheet HTML 4Page - Fairchild Semiconductor CD4049UBC Datasheet HTML 5Page - Fairchild Semiconductor CD4049UBC Datasheet HTML 6Page - Fairchild Semiconductor CD4049UBC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 4: These are peak output current capabilities. Continuous output current is rated at 12 mA maximum. The output current should not be allowed to
exceed this value for extended periods of time. IOL and IOH are tested one output at a time.
AC Electrical Characteristics (Note 5)
CD4049UBC
TA = 25°C, CL = 50 pF, RL = 200k, tr = tf = 20 ns, unless otherwise specified
Note 5: AC Parameters are guaranteed by DC correlated testing.
AC Electrical Characteristics (Note 6)
CD4050BC
TA = 25°C, CL = 50 pF, RL = 200k, tr = tf = 20 ns, unless otherwise specified
Note 6: AC Parameters are guaranteed by DC correlated testing.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL
Propagation Delay Time
VDD = 5V
30
65
ns
HIGH-to-LOW Level
VDD = 10V
20
40
ns
VDD = 15V
15
30
ns
tPLH
Propagation Delay Time
VDD = 5V
45
85
ns
LOW-to-HIGH Level
VDD = 10V
25
45
ns
VDD = 15V
20
35
ns
tTHL
Transition Time
VDD = 5V
30
60
ns
HIGH-to-LOW Level
VDD = 10V
20
40
ns
VDD = 15V
15
30
ns
tTLH
Transition Time
VDD = 5V
60
120
ns
LOW-to-HIGH Level
VDD = 10V
30
55
ns
VDD = 15V
25
45
ns
CIN
Input Capacitance
Any Input
15
22.5
pF
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL
Propagation Delay Time
VDD = 5V
60
110
ns
HIGH-to-LOW Level
VDD = 10V
25
55
ns
VDD = 15V
20
30
ns
tPLH
Propagation Delay Time
VDD = 5V
60
120
ns
LOW-to-HIGH Level
VDD = 10V
30
55
ns
VDD = 15V
25
45
ns
tTHL
Transition Time
VDD = 5V
30
60
ns
HIGH-to-LOW Level
VDD = 10V
20
40
ns
VDD = 15V
15
30
ns
tTLH
Transition Time
VDD = 5V
60
120
ns
LOW-to-HIGH Level
VDD = 10V
30
55
ns
VDD = 15V
25
45
ns
CIN
Input Capacitance
Any Input
5
7.5
pF


Similar Part No. - CD4049UBC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4049UBC NSC-CD4049UBC Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
logo
Rochester Electronics
CD4049UBC ROCHESTER-CD4049UBC Datasheet
506Kb / 7P
   CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
Rochester Electronics
CD4049UBCA ROCHESTER-CD4049UBCA Datasheet
506Kb / 7P
   CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
More results

Similar Description - CD4049UBC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
   Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
Rochester Electronics
CD4049 ROCHESTER-CD4049 Datasheet
506Kb / 7P
   CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
   HEX BUFFER/CONVERTER (NON INVERTING)
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP Datasheet
240Kb / 5P
   HEX BUFFER/CONVERTER (INVERTING TYPE, NON-INVERTING TYPE)
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com