Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP18T10GI Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP18T10GI
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP18T10GI Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP18T10GI Datasheet HTML 1Page - Advanced Power Electronics Corp. AP18T10GI Datasheet HTML 2Page - Advanced Power Electronics Corp. AP18T10GI Datasheet HTML 3Page - Advanced Power Electronics Corp. AP18T10GI Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Fast Switching Performance
BVDSS
100V
▼ Single Drive Requirement
RDS(ON)
160mΩ
▼ Full Isolation Package
ID
9A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
TSTG
TJ
Symbol
Parameter
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
4.5
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
65
/W
Data and specifications subject to change without notice
Storage Temperature Range
Thermal Data
Total Power Dissipation
28
-55 to 150
Operating Junction Temperature Range
-55 to 150
Continuous Drain Current, VGS @ 10V
5.6
Pulsed Drain Current
1
30
Parameter
Rating
Drain-Source Voltage
100
Gate-Source Voltage
+20
Continuous Drain Current, VGS @ 10V
200903052
RoHS-compliant Product
1
AP18T10GI
9
G
D
S
Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220CFM isolation package is widely preferred for
commercial-industrial through hole applications.
G
D
S
TO-220CFM(I)


Similar Part No. - AP18T10GI

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP18T10GI A-POWER-AP18T10GI_14 Datasheet
99Kb / 4P
   Fast Switching Performance
More results

Similar Description - AP18T10GI

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com