Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N140A Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # 6N140A
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

6N140A Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 6N140A Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 6N140A Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Electrical Characteristics, TA = -55°C to +125°C, unless otherwise specified
Parameter
Symbol
Test Conditions
Group A[13]
Subgroup
Limits
Units
Fig.
Note
Min.
Typ.**
Max.
Current Transfer
Ratio
CTR*
IF = 0.5 mA, VO = 0.4 V,
VCC = 4.5 V
1, 2, 3
300
1500
%
3
4, 5
IF = 1.6 mA, VO = 0.4 V,
VCC = 4.5 V
300
1000
IF =5 mA, VO = 0.4 V,
VCC = 4.5 V
200
500
Logic Low Output
Voltage
VOL
IF = 0.5 mA, IOL = 1.5 mA,
VCC = 4.5 V
1, 2, 3
0.11
0.4
V
2
4
IF = 1.6 mA, IOL = 4.8 mA,
VCC = 4.5 V
0.13
0.4
4, 16
IF =5 mA, IOL = 10 mA,
VCC = 4.5 V
0.16
0.4
4
Logic High Output
Current
IOH*
IF =2
A, VO = 18 V,
VCC = 18 V
1, 2, 3
0.001
250
A
4
IOHX
250
A
4, 6
Logic
Low
Supply
Current
ICCL*
IF =1.6 mA, VCC = 18 V
IF1 =IF2 = 1.6 mA,
VCC = 18 V
1, 2, 3
1.0
1.0
2
4
mA
4
15
IF1 = IF2 =IF3 =IF4 =1.6 mA,
VCC = 18 V
1.7
4
Logic
High
Supply
Current
ICCH*
IF =0 mA, VCC = 18 V
IF1 =IF2 = 0 mA,
VCC = 18 V
1, 2, 3
0.001
20
40
A
15
IF1 = IF2 =IF3 =IF4 =0 mA,
VCC = 18 V
40
Input
Forward
Voltage
VF*
IF = 1.6 mA
1
1.0
1.4
1.7
V
14
2
1.7
3
1.8
1, 2, 3
1.0
1.4
1.8
1, 2
1.4
1.7
3
1.8
Input Reverse
Breakdown
Voltage
BVR*
IR = 10
A
1, 2, 3
5
V
4
Input-Output
Insulation Leakage
Current
II-O*
≤65% Relative Humidity
TA =25°C, t = 5 s,
VI-O = 1500 VDC
1
1.0
A
7, 12
Capacitance
Between
Input-Output
CI-O
f= 1 MHz, TA =25°C
4
4
pF
4, 8
14, 17
*
For JEDEC registered parts.
** All typical values are at VCC = 5 V, TA = 25°C.
Single
Channel
and LCCC
Dual
Channel
Quad
Channel
Single
Channel
and LCCC
Dual
Channel
Quad
Channel
Single
and Dual
Channel
LCCC
Quad
Channel


Similar Part No. - 6N140A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N140A-100 HP-6N140A-100 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
6N140A-200 HP-6N140A-200 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
6N140A-300 HP-6N140A-300 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
6N140A-600 HP-6N140A-600 Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results

Similar Description - 6N140A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com