Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC953 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC953
Description  LOW VOLTAGE PLL CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC953 Datasheet(HTML) 2 Page - Motorola, Inc

  MPC953 Datasheet HTML 1Page - Motorola, Inc MPC953 Datasheet HTML 2Page - Motorola, Inc MPC953 Datasheet HTML 3Page - Motorola, Inc MPC953 Datasheet HTML 4Page - Motorola, Inc MPC953 Datasheet HTML 5Page - Motorola, Inc MPC953 Datasheet HTML 6Page - Motorola, Inc MPC953 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MPC953
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
2
MR/OE
GNDO
Q0
VCCO
QFB
GNDO
NC
BYPASS
VCO_SEL
Q5
VCCO
Q6
GNDO
Q7
VCCO
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
123456
78
24
23
22
21
20
19
18
17
16
MPC953
FUNCTION TABLES
BYPASS
Function
1
0
PLL Enabled
PLL Bypass
MR/OE
Function
1
0
Outputs Disabled
Outputs Enabled
Figure 2. 32–Lead Pinout (Top View)
PECL_CLK
VCO_SEL
Function
1
0
÷2
÷1
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
4.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or
conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is
not implied.


Similar Part No. - MPC953

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC950 MOTOROLA-MPC950 Datasheet
162Kb / 13P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC951 MOTOROLA-MPC951 Datasheet
162Kb / 13P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC952 MOTOROLA-MPC952 Datasheet
106Kb / 7P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
More results

Similar Description - MPC953

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
   Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
   Low-Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
   Low Voltage PLL Clock Driver
2019
logo
Motorola, Inc
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC990 MOTOROLA-MPC990 Datasheet
146Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com