Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-C79B-000E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C79B-000E
Description  Precision Miniature Isolation Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C79B-000E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-C79B-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C79B-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ACPL-C79B, ACPL-C79A, ACPL-C790
Precision Miniature Isolation Amplifiers
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
The ACPL-C79B/C79A/C790 isolation amplifiers are
designed for current and voltage sensing in electronic
power converters in applications including motor drives
and renewable energy systems. In a typical motor drive
implementation, current flows through an external
resistor and the resulting analog voltage drop is sensed by
the isolation amplifier. A differential output voltage that is
proportional to the current is created on the other side of
the optical isolation barrier.
For general applications, the ACPL-C79A (±1% gain
tolerance) and the ACPL-C790 (±3% gain tolerance)
are recommended. For high precision applications, the
ACPL-C79B (±0.5% gain tolerance) can be used. The
product operates from a single 5 V supply and provides
excellent linearity and dynamic performance of 60 dB SNR.
With 200 kHz bandwidth, 1.6
µs fast response time, the
product captures transients in short circuit and overload
conditions. The high common-mode transient immunity
(15 kV/
µs) of the ACPL-C79B/C79A/C790 provides the
precision and stability needed to accurately monitor
motor current in high noise motor control environments,
providing for smoother control (less “torque ripple”) in
various types of motor control applications.
Combined with superior optical coupling technology, the
ACPL-C79B/C79A/C790 implements sigma-delta (
∑-∆)
analog-to-digital converter, chopper stabilized ampli-
fiers, and a fully differential circuit topology to provide
unequaled isolation-mode noise rejection, low offset,
high gain accuracy and stability. This performance is
delivered in a compact, auto-insertable Stretched SO-8
(SSO-8) package that meets worldwide regulatory safety
standards.
Functional Diagram
Features
• ±0.5% High Gain Accuracy (ACPL-C79B)
• –50 ppm/°C Low Gain Drift
• 0.6 mV Input Offset Voltage
• 0.05% Excellent Linearity
• 60 dB SNR
• 200 kHz Wide Bandwidth
• 3 V to 5.5 V Wide Supply Range for Output Side
• –40°C to +105°C Operating Temperature Range
• Advanced Sigma-Delta (∑-∆) A/D Converter Technology
• Fully Differential Isolation Amplifier
• 15 kV/µs Common-Mode Transient Immunity
• Compact, Auto-Insertable Stretched SO-8 Package
• Safety and Regulatory Approvals:
– IEC/EN/DIN EN 60747-5-5: 1414 Vpeak working
insulation voltage
– UL 1577: 5000 Vrms/1min double protection rating
– CSA: Component Acceptance Notice #5
Applications
• Current/Voltage Sensing in AC and Servo Motor Drives
• Solar Inverters, Wind Turbine Inverters
• Industrial Process Control
• Data acquisition systems
• Switching Power Supply Signal Isolation
• General Purpose Analog Signal Isolation
• Traditional Current Transducer Replacements
NOTE:
A 0.1
µF bypass capacitor must be connected
between pins 1 and 4 and between pins 5 and 8.
Figure 1.
1
2
3
4
8
7
6
5
IDD1
VDD1
VIN+
VIN-
GND1
IDD2
VDD2
VOUT+
VOUT-
GND2
+
-
+
-
SHIELD


Similar Part No. - ACPL-C79B-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
More results

Similar Description - ACPL-C79B-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-790A-500E AVAGO-ACPL-790A-500E Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-790B-300E AVAGO-ACPL-790B-300E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com