Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP75N07GS,P Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # AP75N07GS,P
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP75N07GS,P Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  AP75N07GS,P Datasheet HTML 1Page - Advanced Power Electronics Corp. AP75N07GS,P Datasheet HTML 2Page - Advanced Power Electronics Corp. AP75N07GS,P Datasheet HTML 3Page - Advanced Power Electronics Corp. AP75N07GS,P Datasheet HTML 4Page - Advanced Power Electronics Corp. AP75N07GS,P Datasheet HTML 5Page - Advanced Power Electronics Corp. AP75N07GS,P Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Package Outline : TO-220 (T-TYPE)
Millimeters
MIN
NOM
MAX
A
4.20
4.50
4.80
b
0.60
0.80
1.00
b1
1.10
1.38
1.80
c
0.30
0.48
0.65
c1
1.10
1.30
1.50
E
9.70
10.00
10.40
E1
7.40
8.30
9.20
e
2.54 (ref.)
L
12.70
13.60
14.50
L1
2.50
2.75
3.00
L2
--
L3
2.60
3.35
4.10
L4
14.30
15.15
16.00
L5
6.00
6.40
6.80
φ
3.40
3.70
4.00
D
8.30
8.85
9.40
F
--
G
1.89
2.49
3.09
Part Marking Information & Packing : TO-220 (T-TYPE)
Draw No. M1-P3-6-Gv09
ADVANCED POWER ELECTRONICS CORP.
SYMBOLS
b
b1
e
D
L4
A
c1
c
L
Package Code
Part Number
Date Code (ywwsss)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
75N07GP
YWWSSS
LOGO
φ
L5
meet Rohs requirement
for low voltage MOSFET only
E
L1
L3
G
E1


Similar Part No. - AP75N07GS,P

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP75N07GS,P-HF A-POWER-AP75N07GS,P-HF Datasheet
97Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP75N07GS,P

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com