Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4514BCWM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CD4514BCWM
Description  4-Bit Latched/4-to-16 Line Decoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4514BCWM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CD4514BCWM Datasheet HTML 1Page - Fairchild Semiconductor CD4514BCWM Datasheet HTML 2Page - Fairchild Semiconductor CD4514BCWM Datasheet HTML 3Page - Fairchild Semiconductor CD4514BCWM Datasheet HTML 4Page - Fairchild Semiconductor CD4514BCWM Datasheet HTML 5Page - Fairchild Semiconductor CD4514BCWM Datasheet HTML 6Page - Fairchild Semiconductor CD4514BCWM Datasheet HTML 7Page - Fairchild Semiconductor CD4514BCWM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Truth Table
Decode Truth Table (Strobe
= 1)
X
= Don’t Care
Logic Diagram
Data Inputs
Selected Output
Inhibit
D
C
B
A
CD4514
= Logic “1”
CD4515
= Logic “0”
0
0
0
0
0
S0
0
0
0
0
1
S1
0
0
0
1
0
S2
0
0
0
1
1
S3
0
0
1
0
0
S4
0
0
1
0
1
S5
0
0
1
1
0
S6
0
0
1
1
1
S7
0
1
0
0
0
S8
0
1
0
0
1
S9
0
1
0
1
0
S10
0
1
0
1
1
S11
0
1
1
0
0
S12
0
1
1
0
1
S13
0
1
1
1
0
S14
0
1
1
1
1
S15
1
X
X
X
X
All Outputs
= 0, CD4514
All Outputs
= 1, CD4515


Similar Part No. - CD4514BCWM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4514BCWM FAIRCHILD-CD4514BCWM Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
More results

Similar Description - CD4514BCWM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4514BC FAIRCHILD-CD4514BC_04 Datasheet
235Kb / 8P
   4-Bit Latched/4-to-16 Line Decoders
logo
National Semiconductor ...
CD4514BM NSC-CD4514BM Datasheet
135Kb / 6P
   4-Bit Latched/4-to-16 Line Decoders
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS_06 Datasheet
340Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
logo
Texas Instruments
CD4514B TI1-CD4514B_16 Datasheet
1Mb / 15P
[Old version datasheet]   Cmos 4-Bit Latch/4-to-16 Line Decoders
CD4514BM96G4 TI-CD4514BM96G4 Datasheet
978Kb / 15P
[Old version datasheet]   CMOS 4-Bit Latch 4-to-16 Line Decoders
CD4514BM96G4 TI1-CD4514BM96G4 Datasheet
995Kb / 15P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
Intersil Corporation
CD4514BMS INTERSIL-CD4514BMS Datasheet
92Kb / 9P
   CMOS 4-Bit Latch/4-to-16 Line Decoders
December 1992
logo
Texas Instruments
CD4514B TI-CD4514B Datasheet
222Kb / 12P
[Old version datasheet]   CMOS 4-BIT LATCH/4-TO-16 LINE DECODERS
logo
National Semiconductor ...
54154 NSC-54154 Datasheet
116Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
DM54LS154 NSC-DM54LS154 Datasheet
120Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com