Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNX35U Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # CNX35U
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNX35U Datasheet(HTML) 2 Page - Fairchild Semiconductor

  CNX35U Datasheet HTML 1Page - Fairchild Semiconductor CNX35U Datasheet HTML 2Page - Fairchild Semiconductor CNX35U Datasheet HTML 3Page - Fairchild Semiconductor CNX35U Datasheet HTML 4Page - Fairchild Semiconductor CNX35U Datasheet HTML 5Page - Fairchild Semiconductor CNX35U Datasheet HTML 6Page - Fairchild Semiconductor CNX35U Datasheet HTML 7Page - Fairchild Semiconductor CNX35U Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameters
Test Conditions
Symbol
Device
Min
Typ
Max
Units
EMITTER
Input Forward Voltage
IF = 10 mA
VF
All
1.15
1.5
V
Reverse Current
VR = 5 V
IR
All
10
µA
DETECTOR
VCE = 10 V
CNX35U,CNX36U,CNX39U
250
nA
VCE = 50 V
ICEO
CNX38U
2
50
nA
Leakage Current Collector to Emitter
VCE = 10 V, TA = 70°C
CNX35U,CNX36U,CNX39U
10
µA
VCE = 50 V, TA = 70°C
CNX38U
10
µA
VCE = 10 V
ICBO
All
20
nA
Breakdown Voltage
Collector to Emitter
IC = 1 mA, IF = 0
BVCEO
CNX35U,CNX36U,CNX39U
30
V
CNX38U
80
Collector to Base
IC = 0.1 mA, IF = 0
BVCBO
CNX35U,CNX36U,CNX39U
70
V
CNX38U
120
Emitter to Collector
IE = 0.1 mA, IF = 0
BVECO
All
7
V
INDIVIDUAL COMPONENT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (T
A = 25°C Unless otherwise specified.)
www.fairchildsemi.com
2 OF 8
5/23/01
DS300401
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Units
Input-Output Isolation Voltage
t = 1 min.
VISO
5,300
VRMS
Isolation Resistance
VI-O = 500 VDC
RISO
110
T
!
Isolation Capacitance
IF =0, V = 0V, f = 1 MHz
CISO
0.6
1.3
pF
ISOLATION CHARACTERISTICS
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
CNX35U CNX36U CNX38U
CNX39U


Similar Part No. - CNX35U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNX35 ETC-CNX35 Datasheet
513Kb / 3P
   OPTICALLY COUPLED ISOLATORS
More results

Similar Description - CNX35U

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com