Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1084 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR1084
Description  Current Limiting and Thermal Protection Battery Chargers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1084 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR1084_12 Datasheet HTML 1Page - Leshan Radio Company LR1084_12 Datasheet HTML 2Page - Leshan Radio Company LR1084_12 Datasheet HTML 3Page - Leshan Radio Company LR1084_12 Datasheet HTML 4Page - Leshan Radio Company LR1084_12 Datasheet HTML 5Page - Leshan Radio Company LR1084_12 Datasheet HTML 6Page - Leshan Radio Company LR1084_12 Datasheet HTML 7Page - Leshan Radio Company LR1084_12 Datasheet HTML 8Page - Leshan Radio Company LR1084_12 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics
Typicals and limits appearing in normal type apply for TJ =25
oC. Limits appearing in Boldface type apply over
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF
LR1084-ADJ,
IOUT = 10mA, VIN -VOUT = 3V,
10mA IOUT 5A, 1.5V VIN - VOUT 5V
1.238
1.225
1.250
1.250
1.262
1.270
V
Output Voltage
VOUT
V
LR1084-2.5,
IOUT = 0mA, VIN = 5.5V,
10mA IOUT 5A, 4.1V VIN 7V
2.475
2.45
2.5
2.5
2.525
2.55
LR1084-2.85,
IOUT = 0mA, VIN = 6V,
10mA IOUT 5A, 4.5V VIN 8V
2.822
2.793
2.85
2.85
2.879
2.907
LR1084-3.3,
IOUT = 0mA, VIN = 6.3V,
10mA IOUT 5A, 4.9V VIN 8V
3.267
3.234
3.3
3.3
3.333
3.366
LR1084-5.0,
IOUT = 0mA, VIN = 8V,
10mA IOUT 5A, 6.6V VIN 10V
4.95
4.9
5
5
5.05
5.1
Line Regulation
VOUT
LR1084-ADJ,
IOUT = 10mA, 2.85V VIN 10V
0.015
0.035
0.2
0.2
%
LR1084-1.5,
IOUT = 10mA, 3.1V VIN 10V
0.5
1
6
6
mV
LR1084-1.8,
IOUT = 10mA, 3.4V VIN 10V
0.5
1
6
6
mV
LR1084-2.5,
IOUT = 10mA, 4.1V VIN 10V
0.5
1
6
6
mV
LR1084-2.85,
IOUT = 10mA, 4.5V VIN 10V
0.5
1
6
6
mV
LR1084-3.3,
IOUT = 10mA, 4.9V VIN 10V
0.5
1
6
6
mV
LR1084-5.0,
IOUT = 10mA, 6.6V VIN 10V
0.5
1
10
10
mV
the entire operating junvtion temperature range.
IOUT = 0mA, VIN = 4.5V,
10mA IOUT 5A, 3.1V VIN 6V
1.485
1.47
1.5
1.5
1.515
1.53
LR1084-1.8,
IOUT = 0mA, VIN = 4.8V,
10mA IOUT 5A, 3.4V VIN 6V
1.782
1.764
1.8
1.8
1.818
1.836
LR1084-1.5,
LESHAN RADIO COMPANY, LTD.
LR1084
4/11


Similar Part No. - LR1084_12

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1084 LRC-LR1084_15 Datasheet
282Kb / 11P
   Low Dropout Voltage: 1.3V Typically at 5A
More results

Similar Description - LR1084_12

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SLR1117 SMC-SLR1117 Datasheet
375Kb / 13P
   Current Limiting and Thermal Protection
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
   Current Limiting and Thermal Protection
SLR1117A SMC-SLR1117A Datasheet
350Kb / 12P
   Current Limiting and Thermal Protection
logo
IK Semicon Co., Ltd
IL1117C-XX IKSEMICON-IL1117C-XX Datasheet
535Kb / 10P
   Current Limiting and Thermal Protection
logo
Skyworks Solutions Inc.
SKY77551 SKYWORKS-SKY77551 Datasheet
105Kb / 2P
   Current limiting for over-voltage protection and extended battery life
SKY77592 SKYWORKS-SKY77592 Datasheet
88Kb / 2P
   Current limiting for over-voltage protection and extended battery life
SKY77596 SKYWORKS-SKY77596 Datasheet
88Kb / 2P
   Current limiting for over-voltage protection and extended battery life
SKY77593 SKYWORKS-SKY77593 Datasheet
88Kb / 2P
   Current limiting for over-voltage protection and extended battery life
SKY77594 SKYWORKS-SKY77594 Datasheet
88Kb / 2P
   Current limiting for over-voltage protection and extended battery life
logo
Texas Instruments
LM1117IMP-ADJ TI-LM1117IMP-ADJ Datasheet
2Mb / 32P
[Old version datasheet]   Space Saving SOT-223 and WSON Packages, Current Limiting and Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com