Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM3128ATC100-10N Datasheet(PDF) 32 Page - Altera Corporation

Part # EPM3128ATC100-10N
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3128ATC100-10N Datasheet(HTML) 32 Page - Altera Corporation

Back Button EPM3128ATC100-10N Datasheet HTML 28Page - Altera Corporation EPM3128ATC100-10N Datasheet HTML 29Page - Altera Corporation EPM3128ATC100-10N Datasheet HTML 30Page - Altera Corporation EPM3128ATC100-10N Datasheet HTML 31Page - Altera Corporation EPM3128ATC100-10N Datasheet HTML 32Page - Altera Corporation EPM3128ATC100-10N Datasheet HTML 33Page - Altera Corporation EPM3128ATC100-10N Datasheet HTML 34Page - Altera Corporation EPM3128ATC100-10N Datasheet HTML 35Page - Altera Corporation EPM3128ATC100-10N Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
32
Altera Corporation
MAX 3000A Programmable Logic Device Family Data Sheet
tCLR
Register clear time
1.3
2.1
2.9
ns
tPIA
PIA delay
(2)
1.0
1.7
2.3
ns
tLPA
Low–power adder
(5)
3.5
4.0
5.0
ns
Table 20. EPM3128A External Timing Parameters
Note (1)
Symbol
Parameter
Conditions
Speed Grade
Unit
–5
–7
–10
Min
Max
Min
Max
Min
Max
tPD1
Input to non–
registered output
C1 = 35 pF
(2)
5.0
7.5
10
ns
tPD2
I/O input to non–
registered output
C1 = 35 pF
(2)
5.0
7.5
10
ns
tSU
Global clock setup
time
(2)
3.3
4.9
6.6
ns
tH
Global clock hold time (2)
0.0
0.0
0.0
ns
tCO1
Global clock to output
delay
C1 = 35 pF
1.0
3.4
1.0
5.0
1.0
6.6
ns
tCH
Global clock high time
2.0
3.0
4.0
ns
tCL
Global clock low time
2.0
3.0
4.0
ns
tASU
Array clock setup time (2)
1.8
2.8
3.8
ns
tAH
Array clock hold time
(2)
0.2
0.3
0.4
ns
tACO1
Array clock to output
delay
C1 = 35 pF
(2)
1.0
4.9
1.0
7.1
1.0
9.4
ns
tACH
Array clock high time
2.0
3.0
4.0
ns
tACL
Array clock low time
2.0
3.0
4.0
ns
tCPPW
Minimum pulse width
for clear and preset
(3)
2.0
3.0
4.0
ns
tCNT
Minimum global clock
period
(2)
5.2
7.7
10.2
ns
fCNT
Maximum internal
global clock frequency
(2), (4)
192.3
129.9
98.0
MHz
tACNT
Minimum array clock
period
(2)
5.2
7.7
10.2
ns
Table 19. EPM3064A Internal Timing Parameters (Part 2 of 2)
Note (1)
Symbol
Parameter
Conditions
Speed Grade
Unit
–4
–7
–10
Min
Max
Min
Max
Min
Max


Similar Part No. - EPM3128ATC100-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3128ATC100-10N ALTERA-EPM3128ATC100-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3128ATC100-10N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com