Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNX36U Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CNX36U
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNX36U Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CNX36U Datasheet HTML 1Page - Fairchild Semiconductor CNX36U Datasheet HTML 2Page - Fairchild Semiconductor CNX36U Datasheet HTML 3Page - Fairchild Semiconductor CNX36U Datasheet HTML 4Page - Fairchild Semiconductor CNX36U Datasheet HTML 5Page - Fairchild Semiconductor CNX36U Datasheet HTML 6Page - Fairchild Semiconductor CNX36U Datasheet HTML 7Page - Fairchild Semiconductor CNX36U Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VI
0
0
ton
toff
10%
90%
Fig. 2 Switching Test Waveforms
+VCC
VO
VI
RL
50
Fig. 1 Switching Test Circuit
VO
Fig. 3 LED Forward Voltage vs. Forward Current
Fig. 5 Normalized CTR vs. Temperature
Fig. 6 CTR vs. RBE (Unsaturated)
Fig. 4 Normalized CTR vs. Forward Current
I
F - LED FORWARD CURRENT (mA)
1
10
100
1.0
1.2
1.4
1.6
1.8
T
A = -55
oC
T
A = 25
oC
T
A = 100
oC
FORWARD CURRENT - I
F (mA)
0
5
10
15
20
0.0
0.5
1.0
1.5
Normalized to
I
F = 10mA
V
CE = 5.0V
T
A = 25
oC
AMBIENT TEMPERATURE T
A - (
oC)
-75
-50
-25
0
25
50
75
100
125
0.2
0.4
0.6
0.8
1.0
1.2
Normalized To CTR at:
I
F =10mA
V
CE = 5V
T
A = 25
oC
I
F = 10mA
I
F = 5mA
I
F = 20mA
R
BE - BASE RESISTANCE (k Ω)
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
CE = 5.0V
I
F = 20mA
I
F = 10mA
I
F = 5mA
www.fairchildsemi.com
4 OF 8
5/23/01
DS300401
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
CNX35U CNX36U CNX38U
CNX39U


Similar Part No. - CNX36U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNX36 ETC-CNX36 Datasheet
513Kb / 3P
   OPTICALLY COUPLED ISOLATORS
More results

Similar Description - CNX36U

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A Datasheet
64Kb / 5P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com