Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNX82A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CNX82A
Description  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNX82A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CNX82A Datasheet HTML 1Page - Fairchild Semiconductor CNX82A Datasheet HTML 2Page - Fairchild Semiconductor CNX82A Datasheet HTML 3Page - Fairchild Semiconductor CNX82A Datasheet HTML 4Page - Fairchild Semiconductor CNX82A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NORMALIZED TO TA = 25˚C
TA, AMBIENT TEMPERATURE (˚C)
-60
0.1
0.2
0.5
0.7
1
2
5
7
10
-40
-20
020406080
100
NORMALIZED TO:
VCE = 10 V
TA = 25˚C
VCE = 30 V
10V
TA, AMBIENT TEMPERATURE (˚C)
V, VOLTAGE (VOLTS)
Figure 6. Capacitance versus Voltage
Figure 5. Dark Current versus Ambient Temperature
Figure 4. Output Current versus Ambient Temperature
Figure 3. Collector Current versus
Collector-Emitter Voltage
0
0.05
0.1
1
2
2
0
4
6
8
10
12
14
16
18
20
51020
50
0.2
0.5
0.1
1
10
100
1000
20
40
60
80
100
CLED
f = 1 MHz
CCE
PULSE ONLY
PULSE OR DC
IF, LED INPUT CURRENT (mA)
Figure 1. LED Forward Voltage versus Forward Current
TYPICAL CHARACTERISTICS
Figure 2. Output Current versus Input Current
1
1
0.5
0.01
0.1
10
1
2
5
10
20
50
1
1.2
1.4
1.6
1.8
2
100
10
1000
NORMALIZED TO:
IF = 10 mA
IF, LED FORWARD CURRENT (mA)
TA = -55˚C
25˚C
100˚C
0
0
5
10
15
20
25
1
23456789
10
VCE - COLLECTOR-EMITTER VOLTAGE (V)
IF = 10 mA
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
4/13/00
200024D
CNX82A.W, CNX83A.W, SL5582.W & SL5583.W


Similar Part No. - CNX82A

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
CNX82A ISOCOM-CNX82A Datasheet
216Kb / 3P
   NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
List of Unclassifed Man...
CNX82A ETC2-CNX82A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
QT Optoelectronics
CNX82A.W QT-CNX82A.W Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
CNX82A.W FAIRCHILD-CNX82A.W Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A.W FAIRCHILD-CNX82A.W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNX82A

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com