Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1117A Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR1117A
Description  1A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1117A Datasheet(HTML) 5 Page - Leshan Radio Company

  LR1117A Datasheet HTML 1Page - Leshan Radio Company LR1117A Datasheet HTML 2Page - Leshan Radio Company LR1117A Datasheet HTML 3Page - Leshan Radio Company LR1117A Datasheet HTML 4Page - Leshan Radio Company LR1117A Datasheet HTML 5Page - Leshan Radio Company LR1117A Datasheet HTML 6Page - Leshan Radio Company LR1117A Datasheet HTML 7Page - Leshan Radio Company LR1117A Datasheet HTML 8Page - Leshan Radio Company LR1117A Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Performance Characteristics (continued)
2.0
1.75
1.5
1.25
1.0
JUNCTION TEMPERATURE (
°C)
-75 -50 -25 0
25 50 75 100 125 150 175
10
7.5
5
2.5
0
CASE TEMPERATURE (
°C)
25
45
65
85
105
125
TO-252, TO-220
SOT-223
5000
4000
3000
1000
0
VOUT (V)
0
1
2
3
4
5
6
7
8
9
10
2000
VIN = 12V
90
80
70
60
50
40
30
20
10
0
FREQUENCY (Hz)
10
100
1K
10K
100K
(VIN - VOUT) = 3V
0.5 < VRIPPLE < 2V
IOUT = 1A
VIN = 5V
10ma < IOUT < IMAX
Instability
region
Region of Stability
(SOA)
Figure 8. Short-Circuit Current vs. Temperature
Figure 9. Ripple Rejection vs. Frequency
Figure 10. Maximum Power Dissipation
Figure 11. Stability Region (SOA) vs. ESR of the COUT
5/9
LESHAN RADIO COMPANY, LTD.
LR1117A


Similar Part No. - LR1117A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1117A LRC-LR1117A_15 Datasheet
148Kb / 9P
   Fixed Low Dropout Linear Regulator
More results

Similar Description - LR1117A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com