Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP4062 Datasheet(PDF) 4 Page - Littelfuse

Part # SP4062
Description  SP4062 Series 3.3V 20A Rail Clamp Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP4062 Datasheet(HTML) 4 Page - Littelfuse

  SP4062 Datasheet HTML 1Page - Littelfuse SP4062 Datasheet HTML 2Page - Littelfuse SP4062 Datasheet HTML 3Page - Littelfuse SP4062 Datasheet HTML 4Page - Littelfuse SP4062 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
187
©2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/SPA for current information.
TVS Diode Arrays (SPAFamily of Products)
Revision: June 27, 2011
SP4062 Series
Lightning Surge Protection - SP4062 Series
Package Dimensions — uDFN-10
uDFN-10 (2.6x2.6mm)
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.45
0.50
0.55
0.018
0.020
0.022
A3
0.130 Ref
0.005 Ref
b
0.17
0.22
0.27
0.006
0.008
0.010
D
2.50
2.60
2.70
0.097
0.101
0.105
D2
2.10
2.15
2.20
0.081
0.083
0.085
E
2.50
2.60
2.70
0.097
0.101
0.105
E2
1.21
1.26
1.31
0.046
0.049
0.051
e
0.50 BSC
0.020 BSC
L
0.35
0.40
0.45
0.014
0.016
0.018
D
E
B
Top View
A
A
Bottom View
0.10 C
b
A3
C
Seating
Plane
Side View
0.10
C B
M
A
0.05 C
e
D2
E2
2X
C
Embossed Carrier Tape & Reel Specification — uDFN-10 (2.6x2.6mm)
T
B0
K0
P2
D0
E
F
P0
P1
D1
W
5º MAX
A0
5º MAX
Symbol
Millimeters
A0
2.82 +/- 0.05
B0
2.82 +/- 0.05
D0
Ø1.50 + 0.10
D1
Ø 0.50 + 0.05
E
1.75 +/- 0.10
F
3.50 +/- 0.05
K0
0.76 +/- 0.05
P0
4.00 +/- 0.10
P1
4.00 +/- 0.10
P2
2.00 +/- 0.05
T
0.25 +/- 0.02
W
8.00 + 0.30 /- 0.10
Recommended Solder Pads uDFN-10L 2.6x2.6mm
B
C
F
X
P
G
Z
Y
Dimension
Symbol
Millimeters
Inches
B
2.30
0.091
C
2.20
0.087
F
1.41
0.056
G
1.65
0.065
P
0.50
0.020
X
0.37
0.015
Y
0.55
0.022
Z
2.75
0.108


Similar Part No. - SP4062

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4062 LITTELFUSE-SP4062 Datasheet
1Mb / 4P
   SP4062 Series 3.3V 20A Rail Clamp Array
SP4062-04UTG LITTELFUSE-SP4062-04UTG Datasheet
1Mb / 4P
   SP4062 Series 3.3V 20A Rail Clamp Array
SP4062_0627 LITTELFUSE-SP4062_0627 Datasheet
1Mb / 4P
   SP4062 Series 3.3V 20A Rail Clamp Array
More results

Similar Description - SP4062

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP4062_0627 LITTELFUSE-SP4062_0627 Datasheet
1Mb / 4P
   SP4062 Series 3.3V 20A Rail Clamp Array
SP4061 LITTELFUSE-SP4061 Datasheet
1Mb / 4P
   SP4061 Series 2.5V 20A Rail Clamp Array
SP4060 LITTELFUSE-SP4060 Datasheet
628Kb / 4P
   SP4060 Series 2.5V 20A Rail Clamp Array
SP03A-3.3 LITTELFUSE-SP03A-3.3 Datasheet
1Mb / 4P
   SP03A-3.3 Series 3.3V 150A Rail Clamp Array
SP3003 LITTELFUSE-SP3003_11 Datasheet
320Kb / 6P
   SP3003 Series 0.65pF Rail Clamp Array
SP4065 LITTELFUSE-SP4065 Datasheet
902Kb / 4P
   SP4065 Series 3.3V 20A Diode Array
SP3012 LITTELFUSE-SP3012 Datasheet
805Kb / 4P
   SP3012 Series 0.5pF Rail Clamp Array
SP3002 LITTELFUSE-SP3002_11 Datasheet
303Kb / 6P
   SP3002 Series 0.85pF Rail Clamp Array
SP3010 LITTELFUSE-SP3010_11 Datasheet
285Kb / 4P
   SP3010 Series 0.45pF Rail Clamp Array
logo
List of Unclassifed Man...
PMMAD ETC-PMMAD Datasheet
119Kb / 3P
   STEERING DIODE (RAIL CLAMP) ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com