Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2764AI-HF Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP2764AI-HF
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP2764AI-HF Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP2764AI-HF Datasheet HTML 1Page - Advanced Power Electronics Corp. AP2764AI-HF Datasheet HTML 2Page - Advanced Power Electronics Corp. AP2764AI-HF Datasheet HTML 3Page - Advanced Power Electronics Corp. AP2764AI-HF Datasheet HTML 4Page - Advanced Power Electronics Corp. AP2764AI-HF Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ 100% Avalanche Test
BVDSS
600V
▼ Fast Switching Characteristic
RDS(ON)
1.1Ω
▼ Simple Drive Requirement
ID
9A
▼ RoHS Compliant
Description
Absolute Maximum Ratings
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V
A
ID@TC=100℃
Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
1
A
PD@TC=25℃
Total Power Dissipation
W
EAS
Single Pulse Avalanche Energy
2
mJ
IAR
Avalanche Current
A
TSTG
Storage Temperature Range
TJ
Operating Junction Temperature Range
Thermal Data
Symbol
Parameter
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
3.4
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
65
℃/W
Data & specifications subject to change without notice
200901202
1
32
-55 to 150
-55 to 150
8
37
36
6
Halogen-Free Product
AP2764AI-HF
Parameter
Rating
600
+30
9
G
D
S
G
D
S
TO-220CFM(I)
AP2764A series are specially designed as main switching devices for
universal 90~265VAC off-line AC/DC converter applications.
TO-220CFM type provide high blocking voltage to overcome voltage
surge and sag in the toughest power system with the best combination
of fast switching,ruggedized design and cost-effectiveness.


Similar Part No. - AP2764AI-HF

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2764AI-HF A-POWER-AP2764AI-HF_14 Datasheet
102Kb / 5P
   Fast Switching Characteristic
AP2764AI-HF A-POWER-AP2764AI-HF_16 Datasheet
101Kb / 5P
   Simple Drive Requirement
More results

Similar Description - AP2764AI-HF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com