Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74157 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # DM74157
Description  Quad 2-Line to 1-Line Data Selectors/Multiplexer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74157 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  DM74157 Datasheet HTML 1Page - Fairchild Semiconductor DM74157 Datasheet HTML 2Page - Fairchild Semiconductor DM74157 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time.
Note 4: ICC is measured with 4.5V applied to all inputs and all outputs OPEN.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.8
mA
IOL
LOW Level Output Current
16
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −12 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.4
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.4
V
Output Voltage
VIH = Min, VIL = Max
II
Input Current @ Max Input Voltage
VCC = Max, VI = 5.5V
1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.4V
40
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−1.6
mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−18
−55
mA
ICC
Supply Current
VCC = Max (Note 4)
30
48
mA
Symbol
Parameter
From (Input)
RL = 400Ω, CL = 15 pF
Units
To (Output)
Min
Max
tPLH
Propagation Delay Time
Data to Y
14
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Data to Y
14
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Strobe to Y
20
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Strobe to Y
21
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select to Y
23
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Y
27
ns
HIGH-to-LOW Level Output


Similar Part No. - DM74157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74157 NSC-DM74157 Datasheet
118Kb / 6P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
DM74157N NSC-DM74157N Datasheet
118Kb / 6P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
More results

Similar Description - DM74157

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS157 NSC-54LS157 Datasheet
160Kb / 8P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
Fairchild Semiconductor
DM74LS157 FAIRCHILD-DM74LS157 Datasheet
79Kb / 7P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
National Semiconductor ...
54157 NSC-54157 Datasheet
118Kb / 6P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
STMicroelectronics
HCC40257B STMICROELECTRONICS-HCC40257B Datasheet
267Kb / 11P
   QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74HC157 UTC-U74HC157_15 Datasheet
205Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS
logo
Texas Instruments
SN54LVC257A TI1-SN54LVC257A_15 Datasheet
1Mb / 30P
[Old version datasheet]   Quadruple 2-Line to 1-Line Data Selectors
SN54157 TI1-SN54157_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2 LINE TO 1 LINE DATA SELECTORS
CD40257B TI-CD40257B Datasheet
182Kb / 4P
[Old version datasheet]   CMOS QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Intersil Corporation
CD40257BMS INTERSIL-CD40257BMS Datasheet
59Kb / 8P
   CMOS Quad 2 Line to 1 Line Data Selector/Multiplexer
December 1992
logo
National Semiconductor ...
DM54S157 NSC-DM54S157 Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com