Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD734ANZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD734ANZ
Description  10 MHz, Four-Quadrant Multiplier/Divider
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD734ANZ Datasheet(HTML) 3 Page - Analog Devices

  AD734ANZ Datasheet HTML 1Page - Analog Devices AD734ANZ Datasheet HTML 2Page - Analog Devices AD734ANZ Datasheet HTML 3Page - Analog Devices AD734ANZ Datasheet HTML 4Page - Analog Devices AD734ANZ Datasheet HTML 5Page - Analog Devices AD734ANZ Datasheet HTML 6Page - Analog Devices AD734ANZ Datasheet HTML 7Page - Analog Devices AD734ANZ Datasheet HTML 8Page - Analog Devices AD734ANZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD734
Rev. E | Page 3 of 20
SPECIFICATIONS
TA = +25°C, +VS = VP = +15 V, −VS = VN = −15 V, RL ≥ 2 kΩ, unless otherwise noted.
Generalized transfer function:
(
)(
) ()
⎪⎭
⎪⎩
=
2
1
2
1
2
1
2
1
Z
Z
U
U
Y
Y
X
X
A
W
O
Table 1.
A
B
S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
MULTIPLIER PERFORMANCE
Transfer Function
W =
XY/10
W =
XY/10
W =
XY/10
Total Static Error1
−10 V ≤ X, Y ≤ 10 V
0.1
0.4
0.1
0.25
0.1
0.4
%
Over TMIN to TMAX
1
0.6
1.25
%
vs. Temperature
TMIN to TMAX
0.004
0.003
0.004
%/°C
vs. Either Supply
±VS = 14 V to 16 V
0.01
0.05
0.01
0.05
0.01
0.05
%/V
Peak Nonlinearity
−10 V ≤ X ≤ +10 V,
Y = +10 V
0.05
0.05
0.05
%
−10 V ≤ Y ≤ +10 V,
X = +10 V
0.025
0.025
0.025
%
THD2
X = 7 V rms, Y =
+10 V, f ≤ 5 kHz
−58
−66
−58
dBc
TMIN to TMAX
−55
−63
−55
dBc
Y = 7 V rms, X =
+10 V, f ≤ 5 kHz
−60
−80
−60
dBc
TMIN to TMAX
−57
−74
−57
dBc
Feedthrough
X = 7 V rms, Y =
nulled, f ≤ 5 kHz
−85
−60
−85
−70
–85
–60
dBc
Y = 7 V rms, X =
nulled, f ≤ 5 kHz
−85
−66
−85
−76
−85
−66
dBc
Noise (RTO)
X = Y = 0 V
Spectral Density
100 Hz to 1 MHz
1.0
1.0
1.0
μV/√Hz
Total Output Noise
10 Hz to 20 kHz
−94
−88
−94
−88
−94
−88
dBc
TMIN to TMAX
−85
−85
−85
dBc
DIVIDER PERFORMANCE
(Y = 10 V)
Transfer Function
W =
XY/U
W =
XY/U
W =
XY/U
Gain Error
Y = 10 V, U = 100 mV
to 10 V
1
1
1
%
X Input Clipping Level
Y ≤ 10 V
1.25 × U
1.25 × U
1.25 × U
V
U Input Scaling Error3
0.3
0.15
0.3
%
TMIN to TMAX
0.8
0.65
1
%
Output to 1%
U = 1 V to 10 V step,
X = 1 V
100
100
100
ns
INPUT INTERFACES
(X, Y, AND Z)
3 dB Bandwidth
40
40
40
MHz
Operating Range
Differential or
common mode
±12.5
±12.5
±12.5
V
X Input Offset Voltage
15
5
15
mV
TMIN to TMAX
25
15
25
mV
Y Input Offset Voltage
10
5
10
mV
TMIN to TMAX
12
6
12
mV
Z Input Offset Voltage
20
10
20
mV
TMIN to TMAX
50
50
90
mV
Z Input PSRR (Either
Supply)
f ≤ 1 kHz
54
70
66
70
54
70
dB
TMIN to TMAX
50
56
50
dB


Similar Part No. - AD734ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
More results

Similar Description - AD734ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
AD734 AD-AD734 Datasheet
213Kb / 12P
   10 MHz, 4-Quadrant Multiplier/Divider
REV. C
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD834 AD-AD834_15 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com