Electronic Components Datasheet Search |
|
AD7266BSUZ Datasheet(PDF) 7 Page - Analog Devices |
|
AD7266BSUZ Datasheet(HTML) 7 Page - Analog Devices |
7 / 28 page AD7266 Rev. B | Page 7 of 28 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS 24 23 22 21 1 2 3 20 19 18 17 VB2 VB1 AGND DCAPB RANGE SGL/DIFF A2 A1 4 5 6 7 8 VA2 VA1 AGND AGND DCAPA AVDD REF SELECT DGND AD7266 TOP VIEW (Not to Scale) PIN 1 INDICATOR NOTES 1. THE EXPOSED METAL PADDLE ON THE BOTTOM OF THE LFCSP PACKAGE SHOULD BE SOLDERED TO PCB GROUND. Figure 2. Pin Configuration (CP-32-2) SGL/DIFF 1 2 3 4 5 6 7 8 REF SELECT AVDD DCAPA VA1 AGND AGND DGND VA2 23 A2 22 21 RANGE 18 VB1 19 AGND 20 DCAPB 24 A1 17 VB2 PIN 1 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 AD7266 TOP VIEW (Not to Scale) Figure 3. Pin Configuration (SU-32-2) Table 4. Pin Function Descriptions Pin No. Mnemonic Description 1, 29 DGND Digital Ground. This is the ground reference point for all digital circuitry on the AD7266. Both DGND pins should connect to the DGND plane of a system. The DGND and AGND voltages should ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis. 2 REF SELECT Internal/External Reference Selection. Logic input. If this pin is tied to DGND, the on-chip 2.5 V reference is used as the reference source for both ADC A and ADC B. In addition, Pin DCAPA and Pin DCAPB must be tied to decoupling capacitors. If the REF SELECT pin is tied to a logic high, an external reference can be supplied to the AD7266 through the DCAPA and/or DCAPB pins. 3 AVDD Analog Supply Voltage, 2.7 V to 5.25 V. This is the only supply voltage for all analog circuitry on the AD7266. The AVDD and DVDD voltages should ideally be at the same potential and must not be more than 0.3 V apart, even on a transient basis. This supply should be decoupled to AGND. 4, 20 DCAPA, DCAPB Decoupling Capacitor Pins. Decoupling capacitors (470 nF recommended) are connected to these pins to decouple the reference buffer for each respective ADC. Provided the output is buffered, the on-chip reference can be taken from these pins and applied externally to the rest of a system. The range of the external reference is dependent on the analog input range selected. 5, 6, 19 AGND Analog Ground. Ground reference point for all analog circuitry on the AD7266. All analog input signals and any external reference signal should be referred to this AGND voltage. All three of these AGND pins should connect to the AGND plane of a system. The AGND and DGND voltages ideally should be at the same potential and must not be more than 0.3 V apart, even on a transient basis. 7 to 12 VA1 to VA6 Analog Inputs of ADC A. These may be programmed as six single-ended channels or three true differential analog input channel pairs. See Table 6. 13 to 18 VB6 to VB1 Analog Inputs of ADC B. These may be programmed as six single-ended channels or three true differential analog input channel pairs. See Table 6. 21 RANGE Analog Input Range Selection. Logic input. The polarity on this pin determines the input range of the analog input channels. If this pin is tied to a logic low, the analog input range is 0 V to VREF. If this pin is tied to a logic high when CS goes low, the analog input range is 2 × VREF. See the section for details. Analog Input Selection 22 SGL/DIFF Logic Input. This pin selects whether the analog inputs are configured as differential pairs or single ended. A logic low selects differential operation while a logic high selects single-ended operation. See the Analog Input Selection section for details. 23 to 25 A2 to A0 Multiplexer Select. Logic inputs. These inputs are used to select the pair of channels to be simultaneously converted, such as Channel 1 of both ADC A and ADC B, Channel 2 of both ADC A and ADC B, and so on. The pair of channels selected may be two single-ended channels or two differential pairs. The logic states of these pins need to be set up prior to the acquisition time and subsequent falling edge of CS to correctly set up the multiplexer for that conversion. See the section for further details and for multiplexer address decoding. Analog Input Selection Table 6 26 CS Chip Select. Active low logic input. This input provides the dual function of initiating conversions on the AD7266 and framing the serial data transfer. 27 SCLK Serial Clock. Logic input. A serial clock input provides the SCLK for accessing the data from the AD7266. This clock is also used as the clock source for the conversion process. |
Similar Part No. - AD7266BSUZ |
|
Similar Description - AD7266BSUZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |