Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7656YSTZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD7656YSTZ
Description  250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7656YSTZ Datasheet(HTML) 4 Page - Analog Devices

  AD7656YSTZ Datasheet HTML 1Page - Analog Devices AD7656YSTZ Datasheet HTML 2Page - Analog Devices AD7656YSTZ Datasheet HTML 3Page - Analog Devices AD7656YSTZ Datasheet HTML 4Page - Analog Devices AD7656YSTZ Datasheet HTML 5Page - Analog Devices AD7656YSTZ Datasheet HTML 6Page - Analog Devices AD7656YSTZ Datasheet HTML 7Page - Analog Devices AD7656YSTZ Datasheet HTML 8Page - Analog Devices AD7656YSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD7656/AD7657/AD7658
Data Sheet
Rev. D | Page 4 of 32
Parameter
B Version1
Y Version1
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage (VINH)
0.7 × VDRIVE
0.7 × VDRIVE
V min
Input Low Voltage (VINL)
0.3 × VDRIVE
0.3 × VDRIVE
V max
Input Current (IIN)
±1
±1
µA max
Typically 10 nA, VIN = 0 V or VDRIVE
Input Capacitance (CIN)3
10
10
pF max
LOGIC OUTPUTS
Output High Voltage (VOH)
VDRIVE − 0.2
VDRIVE − 0.2
V min
ISOURCE = 200 µA
Output Low Voltage (VOL)
0.2
0.2
V max
ISINK = 200 µA
Floating-State Leakage Current
±1
±1
µA max
Floating-State Output Capacitance3
10
10
pF max
Output Coding
Twos complement
CONVERSION RATE
Conversion Time
3.1
3.1
µs max
Track-and-Hold Acquisition Time2, 3
550
550
ns max
Throughput Rate
250
250
kSPS
Parallel interface mode only
POWER REQUIREMENTS
VDD
5/15
5/15
V nom min/max
For 4 × VREF range, VDD = 10 V to 16.5 V
VSS
−5/−15
−5/−15
V nom min/max
For 4 × VREF range, VDD = −10 V to −16.5 V
AVCC
5
5
V nom
DVCC
5
5
V nom
VDRIVE
3/5
3/5
V nom min/max
ITOTAL
Digital I/PS = 0 V or VDRIVE
Normal Mode (Static)
28
28
mA max
AVCC = DVCC = VDRIVE = 5.25 V, VDD = 16.5 V,
(Includes IAVCC, IVDD, IVSS, IVDRIVE, IDVCC)
VSS = −16.5 V
Normal Mode (Operational)
26
26
mA max
fSAMPLE = 250 kSPS, AVCC = DVCC = VDRIVE = 5.25 V,
(Includes IAVCC, IVDD, IVSS, IVDRIVE, IDVCC)
VDD = 16.5 V, VSS = −16.5 V
ISS (Operational)
0.25
0.25
mA max
VSS = −16.5 V, fSAMPLE = 250 kSPS
IDD (Operational)
0.25
0.25
mA max
VDD = 16.5 V, fSAMPLE = 250 kSPS
Partial Power-Down Mode
7
7
mA max
AVCC = DVCC = VDRIVE = 5.25 V, VDD = 16.5 V,
VSS = −16.5 V
Full Power-Down Mode (STBY Pin)
80
80
µA max
SCLK on or off, AVCC = DVCC = VDRIVE = 5.25 V,
VDD = 16.5 V, VSS = −16.5 V
Power Dissipation
AVCC = DVCC = VDRIVE = 5.25 V, VDD = 16.5 V,
VSS = −16.5 V
Normal Mode (Static)
143
143
mW max
Normal Mode (Operational)
140
140
mW max
fSAMPLE = 250 kSPS
Partial Power-Down Mode
35
35
mW max
Full Power-Down Mode (STBY Pin)
100
100
µW max
1
Temperature ranges are as follows: B version is −40°C to +85°C and Y version is −40°C to +125°C.
2
See the Terminology section.
3
Sample tested during initial release to ensure compliance.


Similar Part No. - AD7656YSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656YSTZ-1 AD-AD7656YSTZ-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7656YSTZ-1-RL AD-AD7656YSTZ-1-RL Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7656YSTZ-REEL AD-AD7656YSTZ-REEL Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
More results

Similar Description - AD7656YSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
AD7656-1 AD-AD7656-1 Datasheet
866Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-/14-/12-Bit ADC
REV. 0
AD7656A AD-AD7656A_17 Datasheet
521Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
AD7656A AD-AD7656A Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
List of Unclassifed Man...
AD7656A-1BSTZ ETC2-AD7656A-1BSTZ Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
Analog Devices
AD7656A-1 AD-AD7656A-1 Datasheet
624Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
AD7656A-1 AD-AD7656A-1_17 Datasheet
664Kb / 29P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar, 16-Bit ADC
logo
List of Unclassifed Man...
AD7656ABSTZ ETC2-AD7656ABSTZ Datasheet
498Kb / 28P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-Bit ADC
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com